Electronic Components Datasheet Search
  English  ▼

X  

PE9070 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9070
Description  SMA Female to SMA Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9070 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9070 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9070 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9070 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SMA Female Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to SMA Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Adapter PE9070
PE9070
PE9070 REV


Similar Part No. - PE9070

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
More results

Similar Description - PE9070

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5191 ETC2-5191 Datasheet
121Kb / 1P
SMA FEMALE TO SMA FEMALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE91260 PASTERNACK-PE91260 Datasheet
346Kb / 3P
SMA Female to Reverse Polarity SMA Female Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-F-G LINX-ADP-SMAF-SMAF-F-G Datasheet
137Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, FLANGE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com