Electronic Components Datasheet Search
  English  ▼

X  

PE9071 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9071
Description  SMA Female to SMA Female Bulkhead Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9071 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9071 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9071 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9071 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to SMA Female Bulkhead Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.87 [22.1]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to SMA Female Bulkhead Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Bulkhead Adapter PE9071
PE9071
PE9071 REV


Similar Part No. - PE9071

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
SMA Male to BNC Male Adapter
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
SMA Female to BNC Male Adapter
PE9074 PASTERNACK-PE9074 Datasheet
250Kb / 3P
SMA Male to BNC Female Adapter
More results

Similar Description - PE9071

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9184 PASTERNACK-PE9184 Datasheet
248Kb / 2P
Hermetically Sealed SMA Female to SMA Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9185 PASTERNACK-PE9185 Datasheet
252Kb / 2P
SMA Female to BNC Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com