Electronic Components Datasheet Search
  English  ▼

X  

PE9077 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9077
Description  SMA Female to TNC Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9077 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9077 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9077 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9077 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to TNC Male Adapter
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348A
Connector 2
TNC Male
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.173 [29.79]
Width/Dia., in [mm]
0.591 [15.01]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
TNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to TNC Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to TNC Male Adapter PE9077
PE9077
PE9077 REV


Similar Part No. - PE9077

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
More results

Similar Description - PE9077

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
Adapter, SMA Female To TNC Male
4294 POMONA-4294 Datasheet
21Kb / 1P
Adapter, SMA Male To TNC Female
logo
Pasternack Enterprises,...
PE9078 PASTERNACK-PE9078 Datasheet
252Kb / 3P
SMA Male to TNC Female Adapter
PE9440 PASTERNACK-PE9440 Datasheet
250Kb / 2P
Precision SMA Female to TNC Male Adapter
PE9441 PASTERNACK-PE9441 Datasheet
252Kb / 2P
Precision SMA Male to TNC Female Adapter
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9598 PASTERNACK-PE9598 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to TNC Male Adapter
PE9602 PASTERNACK-PE9602 Datasheet
248Kb / 2P
SMA Female to Reverse Polarity TNC Male Adapter
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
PE9076 PASTERNACK-PE9076 Datasheet
247Kb / 2P
SMA Male to TNC Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com