Electronic Components Datasheet Search
  English  ▼

X  

PE9079 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9079
Description  SMA Female to TNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9079 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9079 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9079 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to TNC Female Adapter
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348
Connector 2
TNC Female
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.32 [33.53]
Width/Dia., in [mm]
0.57 [14.48]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-tnc-female-straight-adapter-pe9079-p.aspx
SMA Female to TNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to TNC Female Adapter
PE9079
PE9079 REV


Similar Part No. - PE9079

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9072 PASTERNACK-PE9072 Datasheet
251Kb / 2P
SMA Male to BNC Male Adapter
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
SMA Female to BNC Male Adapter
More results

Similar Description - PE9079

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
Adapter, SMA Female To TNC Male
4294 POMONA-4294 Datasheet
21Kb / 1P
Adapter, SMA Male To TNC Female
4295 POMONA-4295 Datasheet
21Kb / 1P
Adapter, SMA Female TNC Female
logo
Pasternack Enterprises,...
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
PE9078 PASTERNACK-PE9078 Datasheet
252Kb / 3P
SMA Male to TNC Female Adapter
PE9251 PASTERNACK-PE9251 Datasheet
254Kb / 3P
SMA Female to TNC Female Bulkhead Adapter
PE9442 PASTERNACK-PE9442 Datasheet
248Kb / 2P
Precision SMA Female to TNC Female Adapter
PE9599 PASTERNACK-PE9599 Datasheet
253Kb / 2P
Reverse Polarity SMA Female to TNC Female Adapter
PE9603 PASTERNACK-PE9603 Datasheet
241Kb / 2P
SMA Female to Reverse Polarity TNC Female Adapter
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com