Electronic Components Datasheet Search
  English  ▼

X  

PE9080 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9080
Description  SMA Male to N Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9080 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9080 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9080 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9080 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to N Male Adapter
Configuration
Connector 1
SMA Male
Connector Specification 1
MIL-STD-348A
Connector 2
N Male
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.827 [21.01]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
SMA Male to N Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Adapter PE9080
PE9080
PE9080 REV


Similar Part No. - PE9080

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9083 PASTERNACK-PE9083 Datasheet
252Kb / 3P
SMA Female to N Female Adapter With Knurl
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
More results

Similar Description - PE9080

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4283 POMONA-4283 Datasheet
18Kb / 1P
Adapter, SMA, Male to Male
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
logo
List of Unclassifed Man...
5006 ETC2-5006 Datasheet
134Kb / 1P
TYPE N MALE TO SMA MALE ADAPTER
5390 ETC2-5390 Datasheet
102Kb / 1P
SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Pasternack Enterprises,...
PE91135 PASTERNACK-PE91135 Datasheet
358Kb / 4P
SMA Male to SMA Male Adapter
logo
Mini-Circuits
SFR-NM50 MINI-SFR-NM50 Datasheet
179Kb / 2P
Adapter SMA-Female to N-Male
NFFL-SM50 MINI-NFFL-SM50 Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com