Electronic Components Datasheet Search
  English  ▼

X  

BUF04 Datasheet(PDF) 12 Page - Analog Devices

Part # BUF04
Description  Closed-Loop High Speed Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

BUF04 Datasheet(HTML) 12 Page - Analog Devices

Back Button BUF04 Datasheet HTML 8Page - Analog Devices BUF04 Datasheet HTML 9Page - Analog Devices BUF04 Datasheet HTML 10Page - Analog Devices BUF04 Datasheet HTML 11Page - Analog Devices BUF04 Datasheet HTML 12Page - Analog Devices BUF04 Datasheet HTML 13Page - Analog Devices BUF04 Datasheet HTML 14Page - Analog Devices BUF04 Datasheet HTML 15Page - Analog Devices BUF04 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
BUF04
REV. 0
–12–
Operation Within an Op Amp Feedback Loop
The BUF04 is well suited as a current booster or isolation
buffer within the closed loop of precision op amps such as the
OP177, the OP97, the OP27, or the OP77. Since the BUF04 is
a closed loop voltage buffer, no interstage coupling resistor
between the op amp and the buffer’s input is required for circuit
stability. The wide bandwidth and high slew rate of the BUF04
assure that the loop has the characteristics of the op amp; hence,
no additional rolloff is required.
BUF04
6
3
RL
500
Ω
OP177
VIN
3
R2
R1
100
2
CL
1000pF
6
GAIN
10
100
1000
R2 (k
Ω)
1
10
100
VOUT
Figure 38. BUF04 as Booster Stage for a Precision Op Amp
Paralleling BUF04s for Increased Load Drive Capability
In applications where continuous output currents greater than
50 mA are required or where heat management is an issue, a
number of BUF04s can be connected in parallel to reduce the
drive requirement of any one buffer. An example of one such
application is illustrated in Figure 39. In this circuit, the
BUF04s are required to drive a doubly terminated 50
Ω line to
±5 V. This type of a load for a single BUF04 would certainly
cause a power dissipation problem. Parallel operation results in
lower input and output impedances and increased bias currents;
on the other hand, input equivalent noise voltage is reduced and
input offset voltage remains unchanged.
VIN
±10V
RL
50
Ω
VOUT
3
R3
100
Ω
R1
47
Ω
6
BUF04
RS
50
Ω
3
R2
47
Ω
6
BUF04
±5V
R4
100
Ω
Figure 39. Paralleling BUF04s for High Output Currents
Overdrive Recovery and Phase Reversal
In applications where the inputs could be driven to the supply
rails, the BUF04 recovers in 10 ns from positive or negative
overdrive. The BUF04 does not exhibit any output voltage
phase reversal when the input signal exceeds its input voltage
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com