Electronic Components Datasheet Search
  English  ▼

X  

PE9082 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9082
Description  SMA Male to N Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9082 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9082 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9082 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9082 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to N Female Adapter
Configuration
Connector 1
SMA Male
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.22 [30.99]
Width/Dia., in [mm]
0.669 [16.99]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
SMA Male to N Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Female Adapter PE9082
PE9082
PE9082 REV


Similar Part No. - PE9082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
More results

Similar Description - PE9082

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
PE9433 PASTERNACK-PE9433 Datasheet
244Kb / 2P
Precision SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
logo
List of Unclassifed Man...
5004 ETC2-5004 Datasheet
133Kb / 1P
TYPE N MALE TO SMA FEMALE ADAPTER
5010 ETC2-5010 Datasheet
132Kb / 1P
TYPE N FEMALE TO SMA MALE ADAPTER
logo
Pasternack Enterprises,...
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE91337 PASTERNACK-PE91337 Datasheet
326Kb / 3P
Precision N Male to SMA Female Adapter
logo
Mini-Circuits
SFR-NM50 MINI-SFR-NM50 Datasheet
179Kb / 2P
Adapter SMA-Female to N-Male
NFFL-SM50 MINI-NFFL-SM50 Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com