Electronic Components Datasheet Search
  English  ▼

X  

PE9083 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9083
Description  SMA Female to N Female Adapter With Knurl
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9083 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9083 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9083 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9083 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female to N Female Adapter With Knurl
Configuration
Connector 1
SMA Female
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.232 [31.29]
Width/Dia., in [mm]
0.669 [16.99]
.
Dielectric Type
Teflon
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Female to N Female Adapter With Knurl
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Female Adapter With Knurl PE9083
PE9083
PE9083 REV


Similar Part No. - PE9083

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
More results

Similar Description - PE9083

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
Precision SMA Female to N Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5008 ETC2-5008 Datasheet
129Kb / 1P
TYPE N FEMALE TO SMA FEMALE ADAPTER
logo
Pasternack Enterprises,...
PE9486 PASTERNACK-PE9486 Datasheet
350Kb / 3P
Precision SMA Female to N Female Bulkhead Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com