Electronic Components Datasheet Search
  English  ▼

X  

PE9085 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9085
Description  BNC Male to BNC Female Right Angle Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9085 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9085 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Male to BNC Female Right Angle Adapter
Configuration
Connector 1
BNC Male
Connector Specification 1
MIL-STD-348
Connector 2
BNC Female
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.06 [26.92]
Width/Dia., in [mm]
0.56 [14.22]
Height, in [mm]
0.9 [22.86]
.
Dielectric Type
Teflon
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-male-bnc-female-right-angle-adapter-pe9085-p.aspx
BNC Male to BNC Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
BNC Male to BNC Female Right Angle Adapter
PE9085
PE9085 REV


Similar Part No. - PE9085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
More results

Similar Description - PE9085

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3534 POMONA-3534 Datasheet
24Kb / 1P
Adapter BNC (Female-Male) Right Angle
6701 POMONA-6701 Datasheet
25Kb / 1P
BNC Male to Dual BNC Female Right-Angle Adapter
logo
Pasternack Enterprises,...
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9278 PASTERNACK-PE9278 Datasheet
241Kb / 2P
N Male to BNC Female Right Angle Adapter
PE9361 PASTERNACK-PE9361 Datasheet
242Kb / 2P
75 Ohm BNC Male to BNC Female Right Angle Adapter
PE9566 PASTERNACK-PE9566 Datasheet
251Kb / 2P
N Female to BNC Male Right Angle Adapter
PE9758 PASTERNACK-PE9758 Datasheet
241Kb / 2P
BNC Male to BNC Male Right Angle Adapter
PE9783 PASTERNACK-PE9783 Datasheet
243Kb / 2P
TNC Male to BNC Female Right Angle Adapter
PE9085 PASTERNACK-PE9085 Datasheet
246Kb / 2P
BNC Male to BNC Female Right Angle Adapter
logo
3M Electronics
3534 3M-3534 Datasheet
25Kb / 2P
Adapter BNC (Female-Male) Right Angle
28-May-2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com