Electronic Components Datasheet Search
  English  ▼

X  

PE9089 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9089
Description  N Female to TNC Male Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9089 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9089 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9089 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9089 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Female to TNC Male Adapter
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348A
Connector 2
TNC Male
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.669 [16.99]
.
Dielectric Type
Teflon
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
TNC Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
N Female to TNC Male Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to TNC Male Adapter PE9089
PE9089
PE9089 REV


Similar Part No. - PE9089

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9083 PASTERNACK-PE9083 Datasheet
252Kb / 3P
SMA Female to N Female Adapter With Knurl
More results

Similar Description - PE9089

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
78800 AMPHENOL-78800 Datasheet
79Kb / 1P
ADAPTER N MALE TO TNC FEMALE
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9443 PASTERNACK-PE9443 Datasheet
256Kb / 3P
Precision TNC Male to TNC Female Adapter
PE9447 PASTERNACK-PE9447 Datasheet
256Kb / 3P
Precision N Female to TNC Male Adapter
PE9448 PASTERNACK-PE9448 Datasheet
257Kb / 3P
Precision N Male to TNC Female Adapter
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9561 PASTERNACK-PE9561 Datasheet
342Kb / 3P
QD TNC Male to TNC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com