Electronic Components Datasheet Search
  English  ▼

X  

AMP01GS Datasheet(PDF) 17 Page - Analog Devices

Part # AMP01GS
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GS Datasheet(HTML) 17 Page - Analog Devices

Back Button AMP01GS Datasheet HTML 13Page - Analog Devices AMP01GS Datasheet HTML 14Page - Analog Devices AMP01GS Datasheet HTML 15Page - Analog Devices AMP01GS Datasheet HTML 16Page - Analog Devices AMP01GS Datasheet HTML 17Page - Analog Devices AMP01GS Datasheet HTML 18Page - Analog Devices AMP01GS Datasheet HTML 19Page - Analog Devices AMP01GS Datasheet HTML 20Page - Analog Devices AMP01GS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AMP01
–17–
REV. D
+
+IN
–IN
RG
14
15
12
13
7
9
8
10
11
18
1
2
3
10k
SENSE
REFERENCE
0.047 F
VOLTAGE GAIN, G = 100
POWER BANDWIDTH (–3dB), 60kHz
QUIESCENT CURRENT, 4mA
LINEARITY
~0.01% @ FULL OUTPUT INTO 10
10 F
0.047 F
100
0.047 F
2N4921
2N4918
+15V
VOUT
( 10V INTO 10 )
–15V
AMP01
RS
RS
V+
V–
RG
RG
GND
Figure 38. Adding Two Transistors Increases Output Current to
±1 A Without Affecting the Quiescent Current of 4 mA.
Power Bandwidth is 60 kHz.
0.047 F
OUT
100k
100k
+IN
–IN
IC2
+15V
–15V
7
6
4
3
2
RS
10k
RS
AMP01
RS
VIOS
NULL
VOOS
NULL
V+
V–
RG
RG
15
14
13
12
7
18
1
2
3
16
17
4
5
10
11
8
9
SENSE
REFERENCE
GND
0.047 F
–15V
+
+
+
+
10
8
6
4
3
IC1
+15V
G1
G10
G100
G1000
5
7911
TTL COMPATIBLE INPUTS
27k
2.7k
12
13
14
1
2
47k
47k
47k
47k
200k
20k
2k
196
Q4
Q5
Q3
Q2
Q1
+15V
Q1, Q2...........J110
Q3, Q4, Q5....J107
IC1 ...............CMP-04
IC2 ...............OP15GZ
LINEARITY~0.005%, G = 10 AND 100
~0.02%, G = 1 AND 1000
GAIN ACCURACY, UNTRIMMED~0.5%
SETTLING TIME TO 0.01%, ALL GAINS,
LESS THAN 75 s
GAIN SWITCHING TIME, LESS THAN 100 s
Figure 39. The AMP01 Makes an Excellent Programmable-Gain Instrumentation Amplifier. Combined Gain-Switching
and Settling Time to 13 Bits Falls Below 100
µs. Linearity Is Better than 12 Bits over a Gain Range 1 to 1000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com