Electronic Components Datasheet Search
  English  ▼

X  

PE9099 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9099
Description  TNC Female to TNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9099 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9099 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9099 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9099 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
TNC Female to TNC Female Adapter
Configuration
Connector 1
TNC Female
Connector 2
TNC Female
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.472 [11.99]
.
Dielectric Type
Teflon
Connector 1
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
TNC Female to TNC Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female to TNC Female Adapter PE9099
PE9099
PE9099 REV


Similar Part No. - PE9099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9091 PASTERNACK-PE9091 Datasheet
362Kb / 4P
TNC Male to TNC Male Adapter
PE9093 PASTERNACK-PE9093 Datasheet
256Kb / 3P
Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9095 PASTERNACK-PE9095 Datasheet
75Kb / 1P
UHF T FEMALE-MALE-FEMALE
More results

Similar Description - PE9099

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9444 PASTERNACK-PE9444 Datasheet
254Kb / 3P
Precision TNC Female to TNC Female Adapter
logo
List of Unclassifed Man...
9051 ETC2-9051 Datasheet
122Kb / 1P
TNC FEMALE TO TNC FEMALE RADIUS R/A ADAPTER
logo
Pasternack Enterprises,...
PE91174 PASTERNACK-PE91174 Datasheet
353Kb / 4P
Low PIM TNC Female to TNC Female Adapter
PE91204 PASTERNACK-PE91204 Datasheet
353Kb / 3P
TNC Female to TNC Female Adapter IP67 Mated
PE91241 PASTERNACK-PE91241 Datasheet
353Kb / 3P
TNC Female to TNC Female Adapter IP67 UnMated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com