Electronic Components Datasheet Search
  English  ▼

X  

PE9101 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9101
Description  N Tee Adapter Female-Female-Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9101 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9101 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9101 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9101 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Tee Adapter Female-Female-Female
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Connector 3
N Female
Connector Specification 3
MIL-STD-348A
Adapter Design
Standard
Body Style
Tee
Electrical Specifications
Frequency Range, GHz
DC to 11
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.63 [16]
Height, in [mm]
1.22 [30.99]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Inner Conductor Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Inner Conductor Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
N Tee Adapter Female-Female-Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Tee Adapter Female-Female-Female PE9101
PE9101
PE9101 REV


Similar Part No. - PE9101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
Precision SMA Male to 2.92mm Male Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
PE910139 PASTERNACK-PE910139 Datasheet
287Kb / 3P
N Female to BNC Male Right Angle Adapter
A
More results

Similar Description - PE9101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9246 PASTERNACK-PE9246 Datasheet
249Kb / 3P
SMA Tee Adapter Female-Female-Female
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE9294 PASTERNACK-PE9294 Datasheet
244Kb / 3P
C Tee Adapter Female-Female-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE91381 PASTERNACK-PE91381 Datasheet
347Kb / 3P
TNC Tee Adapter Female-Female-Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com