Electronic Components Datasheet Search
  English  ▼

X  

PE9102 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9102
Description  N Tee Adapter Female-Male-Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9102 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9102 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9102 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9102 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Tee Adapter Female-Male-Female
Configuration
Connector 1
N Female
Connector Specification 1
MIL-STD-348
Connector 2
N Male
Connector Specification 2
MIL-STD-348
Connector 3
N Female
Connector Specification 3
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.75 [44.45]
Width/Dia., in [mm]
0.78 [19.81]
Height, in [mm]
1.48 [37.59]
.
Dielectric Type
Teflon
Connector 1
Type
N Female
Inner Conductor Material and Plating
Beryllium Copper, Silver
Body Material and Plating
Brass, Nickel
Connector 2
Type
N Male
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
Connector 3
Type
N Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Tee Adapter Female-Male-Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Tee Adapter Female-Male-Female PE9102
PE9102
PE9102 REV


Similar Part No. - PE9102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91027 PASTERNACK-PE91027 Datasheet
204Kb / 3P
Precision 7 - 16 DIN Male to 7 - 16 DIN Female Adapter
PE91028 PASTERNACK-PE91028 Datasheet
362Kb / 3P
Precision 7/16 DIN Male to 7/16 DIN Female Adapter Low PIM, Low VSWR
PE91029 PASTERNACK-PE91029 Datasheet
353Kb / 3P
Precision 7/16 DIN Female to 7/16 DIN Female Adapter Low PIM, Low VSWR
More results

Similar Description - PE9102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9101 PASTERNACK-PE9101 Datasheet
254Kb / 3P
N Tee Adapter Female-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
SMA Tee Adapter Female-Male-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9211 PASTERNACK-PE9211 Datasheet
241Kb / 3P
MHV Tee Adapter Female-Male-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9575 PASTERNACK-PE9575 Datasheet
248Kb / 3P
HN Tee Adapter Female-Male-Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com