Electronic Components Datasheet Search
  English  ▼

X  

HMC1055LP2CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC1055LP2CE
Description  Automotive Telematics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1055LP2CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC1055LP2CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1055LP2CE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
GaAs MMIC SPST
FAILSAFE SWITCH, DC - 4 GHz
General Description
Features
Functional Diagram
Failsafe Operation - “On” When Unpowered
Wide Vdd Range: 1.2V to 5V
Very Low On State Current: 200 nA
Low Insertion Loss: 0.7 dB
High IP3: +52 dBm
Compact SOT26 SMT Package
Electrical Specifications
T
A = +25° C, Vdd = +3.3 Vdc, Vctl = 0/+3.3 Vdc (Unless Otherwise Stated), 50 Ohm System
Typical Applications
The HMC1055LP2CE is ideal for:
• RFID & Electronic Toll Collection (ETC)
• Tags, Handsets & Portables
• ISM, WLAN, WiMAX & WiBro
• Automotive Telematics
• Test Equipment
The HMC1055LP2CE is low-cost SPST Failsafe
switch in 2x2mm,8 lead DFN plastic package for
use in switching application which require low
insertion loss and very low current consumption.
With 0.7 dB typical loss, these devices can control
signals from DC to 4 GHz and are especially suited
for IF and RF applications including RFID, ISM,
automotive and battery powered tags and portables.
RF1 and is reflective open while RF2 is terminated in
50 OHMs when “Off”. The switch requires a minimal
amount of DC current in the “On” state, and offers
compatibility with CMOS and some TTL logic families.
The failsafe topology results in the switch being
normally “On”, i.e. low insertion loss from RF1 to RF2,
when no DC bias is applied.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
DC- 4.0 GHz
0.6
1.8
dB
Isolation
DC - 2.0 GHz
DC - 4.0 GHz
36
28
dB
dB
Return Loss
DC - 4.0 GHz
25
dB
Input Power for 0.1 dB Compression
Vctl = 0/+3.3V
0.5 - 4.0 GHz
28
dBm
Input Third Order Intercept
(Two-tone Input Power = +15 dBm Each Tone)
Vctl = 0/+3.3V
0.5 - 4.0 GHz
63
dBm
Switching Characteristics
DC - 4.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
40
50
ns
ns
V00.0912
HMC1055LP2CE


Similar Part No. - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1055LP2CE AD-HMC1055LP2CE Datasheet
289Kb / 10P
0.5 GHz to 4.0 GHz, GaAs, SPST Switch
REV. A
HMC1055LP2CETR AD-HMC1055LP2CETR Datasheet
289Kb / 10P
0.5 GHz to 4.0 GHz, GaAs, SPST Switch
REV. A
More results

Similar Description - HMC1055LP2CE

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4234 EPCOS-B4234_1 Datasheet
124Kb / 10P
Automotive telematics
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
SAW RF filter Automotive telematics
B3518 EPCOS-B3518 Datasheet
114Kb / 11P
SAW Diplexer Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
SAW filter Automotive telematics
B4234 EPCOS-B4234_11 Datasheet
128Kb / 10P
SAW RF filter Automotive telematics
B4304 EPCOS-B4304 Datasheet
101Kb / 8P
SAW Rx filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
SAW Rx filter Automotive telematics
B4307 EPCOS-B4307 Datasheet
73Kb / 7P
SAW Tx filter Automotive Telematics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com