Electronic Components Datasheet Search
  English  ▼

X  

INA231 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA231 Datasheet HTML 22Page - Texas Instruments INA231 Datasheet HTML 23Page - Texas Instruments INA231 Datasheet HTML 24Page - Texas Instruments INA231 Datasheet HTML 25Page - Texas Instruments INA231 Datasheet HTML 26Page - Texas Instruments INA231 Datasheet HTML 27Page - Texas Instruments INA231 Datasheet HTML 28Page - Texas Instruments INA231 Datasheet HTML 29Page - Texas Instruments INA231 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Master
ACK By
INA231
ACK By
Master
From
INA231
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14
D13
D12
D11
D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Master
From
INA231
1
9
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Master
ACK By
INA231
ACK By
INA231
1
9
1
ACK By
INA231
1
D15 D14
D13
D12
D11
D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
INA231
Stop By
Master
1
D7
D6
D5
D4
D3
D2
D1
D0
9
INA231
SBOS644 – FEBRUARY 2013
www.ti.com
WRITING TO/READING FROM THE INA231
Accessing a specific register on the INA231 is accomplished by writing the appropriate value to the register
pointer. Refer to Table 2 for a complete list of registers and corresponding addresses. The value for the register
pointer (shown in Figure 27) is the first byte transferred after the slave address byte with the R/W bit low. Every
write operation to the INA231 requires a value for the register pointer.
Writing to a register begins with the first byte transmitted by the master. This byte is the slave address, with the
R/W bit low. The INA231 then acknowledges receipt of a valid address. The next byte transmitted by the master
is the address of the register that data are written to. This register address value updates the register pointer to
the desired register. The next two bytes are written to the register addressed by the register pointer. The INA231
acknowledges receipt of each data byte. The master may terminate data transfer by generating a start or stop
condition.
When reading from the INA231, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, a new value
must be written to the register pointer. This write is accomplished by issuing a slave address byte with the R/W
bit low, followed by the register pointer byte. No additional data are required. The master then generates a start
condition and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an ACK from the master; then the slave transmits the least significant byte. The master
acknowledges receipt of the data byte. The master may terminate data transfer by generating a Not-
Acknowledge bit (No ACK) after receiving any data byte, or generating a start or stop condition. If repeated reads
from the same register are desired, it is not necessary to continually send the register pointer bytes; the INA231
retains the register pointer value until it is changed by the next write operation.
Figure 24 and Figure 25 show the write and read operation timing diagrams, respectively. Note that register
bytes are sent most-significant byte first, followed by the least significant byte.
(1)
The value of the slave address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7.
Figure 24. Timing Diagram for Write Word Format
(1)
The value of the slave address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7.
(2)
Read data are from the last register pointer location. If a new register is desired, the register pointer must be updated.
See Figure 27.
(3)
ACK by Master can also be sent.
Figure 25. Timing Diagram for Read Word Format
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com