Electronic Components Datasheet Search
  English  ▼

X  

INA231AIYFFR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA231AIYFFR Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 11Page - Texas Instruments INA231AIYFFR Datasheet HTML 12Page - Texas Instruments INA231AIYFFR Datasheet HTML 13Page - Texas Instruments INA231AIYFFR Datasheet HTML 14Page - Texas Instruments INA231AIYFFR Datasheet HTML 15Page - Texas Instruments INA231AIYFFR Datasheet HTML 16Page - Texas Instruments INA231AIYFFR Datasheet HTML 17Page - Texas Instruments INA231AIYFFR Datasheet HTML 18Page - Texas Instruments INA231AIYFFR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Maximum Expected Current
2
15
Current_LSB =
CAL =
0.00512
Current_LSB
R
SHUNT
·
INA231
www.ti.com
SBOS644 – FEBRUARY 2013
PROGRAMMING THE INA231
An important aspect of the INA231 is that it does not necessarily measure current or power. The INA231
measures both the differential voltage applied between the IN+ and IN– input pins and the voltage applied to the
BUS pin. In order for the INA231 to report both current and power values, both the Current register resolution
and the value of the shunt resistor present in the application that resulted in the differential voltage being
developed must be programmed. The Power register is internally set to be 25 times the programmed least
significant bit of the Current register (Current_LSB). Both the Current_LSB and shunt resistor value are used
when calculating the Calibration register value. The INA231 uses this value to calculate the corresponding
current and power values based on the measured shunt and bus voltages.
The Calibration register is calculated based on Equation 1. This equation includes the term Current_LSB, the
programmed value for the LSB for the Current register. This is the value used to convert the value in the Current
register to the actual current in amps. The highest resolution for the Current register can be obtained by using
the smallest allowable Current_LSB based on the maximum expected current, as shown in Equation 2. While this
value yields the highest resolution, it is common to select a value for the Current_LSB to the nearest round
number above this value to simplify the conversion of the Current register and Power register to amps and watts,
respectively. RSHUNT is the value of the external shunt used to develop the differential voltage across the input
pins. The 0.00512 value in Equation 1 is an internal fixed value used to ensure scaling is maintained properly.
(1)
(2)
After the Calibration register has been programmed, the Current register and Power register are updated
accordingly based on the corresponding shunt voltage and bus voltage measurements. Until the Calibration
register is programmed, the Current and Power registers remain at zero.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: INA231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com