Electronic Components Datasheet Search
  English  ▼

X  

INA283AID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA283AID
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA283AID Datasheet(HTML) 5 Page - Texas Instruments

  INA283AID Datasheet HTML 1Page - Texas Instruments INA283AID Datasheet HTML 2Page - Texas Instruments INA283AID Datasheet HTML 3Page - Texas Instruments INA283AID Datasheet HTML 4Page - Texas Instruments INA283AID Datasheet HTML 5Page - Texas Instruments INA283AID Datasheet HTML 6Page - Texas Instruments INA283AID Datasheet HTML 7Page - Texas Instruments INA283AID Datasheet HTML 8Page - Texas Instruments INA283AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
1
2
3
4
8
7
6
5
-IN
GND
REF2
NC
(1)
OUT
V+
REF1
+IN
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485B – NOVEMBER 2009 – REVISED SEPTEMBER 2012
PIN CONFIGURATION
D PACKAGE
SOIC-8
(TOP VIEW)
(1)
NC: This pin is not internally connected. The NC pin should either be left floating or connected to GND.
PIN DESCRIPTIONS
SOIC-8
PIN NO.
NAME
DESCRIPTION
1
–IN
Connection to negative side of shunt resistor.
2
GND
Ground
3
REF2
Reference voltage connection - See application section for connection options.
4
NC
This pin is not internally connected. The NC pin should either be left floating or connected to GND.
5
OUT
Output voltage
6
V+
Power supply
7
REF1
Reference voltage connection - See application section for connection options.
8
+IN
Connection to positive side of shunt resistor.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com