Electronic Components Datasheet Search
  English  ▼

X  

INA283AIDR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA283AIDR
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA283AIDR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA283AIDR Datasheet HTML 18Page - Texas Instruments INA283AIDR Datasheet HTML 19Page - Texas Instruments INA283AIDR Datasheet HTML 20Page - Texas Instruments INA283AIDR Datasheet HTML 21Page - Texas Instruments INA283AIDR Datasheet HTML 22Page - Texas Instruments INA283AIDR Datasheet HTML 23Page - Texas Instruments INA283AIDR Datasheet HTML 24Page - Texas Instruments INA283AIDR Datasheet HTML 25Page - Texas Instruments INA283AIDR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Æ
1
Æ
2
Æ
2
Æ
1
Æ
2
Æ
2
Æ
1
Æ
1
V
IN+
V
IN-
V
REF
GND
V
+
Æ
1
Æ
2
Æ
2
Æ
1
Æ
2
Æ
2
V
IN+
V
IN-
GND
V
+
Æ
1
Æ
2
Æ
2
Æ
1
Æ
2
Æ
2
V
IN+
V
IN-
GND
V
+
Output
Output
Output
Summed
Output
FirstCircuit
SecondCircuit
ThirdCircuit
Æ
1
Æ
1
(Error_V ) +(Error_Gain) +(Error_Lin)
OS
2
2
2
V
V
OS_Total
SENSE
´ 100
(V ) +(V
) +(V
)
OS
OS_CM
OS_REF
2
2
2
R
(2.048V
V
)
-
CMR
REF
´
´ (V
12V)
-
CM
1
CMRR_dB
20
(
10
INA282, INA283
INA284, INA285
INA286
SBOS485B – NOVEMBER 2009 – REVISED SEPTEMBER 2012
www.ti.com
Example 2
INA286; VS = 5V; VCM = 24V; VREF = 0V; VSENSE = 10mV
Table 2. Example 2
TERM
SYMBOL
EQUATION
TYPICAL VALUE
MAXIMUM VALUE
Initial Input Offset
VOS
—
20
μV
70
μV
Voltage
Added Input Offset
Voltage Because of
VOS_CM
1.2
μV
12
μV
Common-Mode
Voltage
Added Input Offset
Voltage Because of
VOS_REF
34.8
μV
92.2
μV
Reference Voltage
Total Input Offset
VOS_Total
40.2
μV
116.4
μV
Voltage
Error from Input
Error_VOS
0.40%
1.16%
Offset Voltage
Gain Error
Error_Gain
—
0.40%
1.40%
Nonlinearity Error
Error_Lin
—
0.01%
0.01%
Total Error
—
0.57%
1.82%
SUMMING CURRENTS AND PARALLELING
The outputs of multiple INA282 family devices are easily summed by connecting the output of one INA282 family
device to the reference input of a second INA282 family device. Summing beyond two devices is possible by
repeating this connection, and is shown for three devices in Figure 40. The reference input of the first INA282
family device sets the output quiescent level for all the devices in the string.
NOTE: The voltage applied to the reference inputs cannot exceed 9V.
Figure 40. Summing the Outputs of Multiple INA282 Family Devices
22
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com