Electronic Components Datasheet Search
  English  ▼

X  

ISO7641FC Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7641FC
Description  Low Power Triple and Quad Channels Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7641FC Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 13Page - Texas Instruments ISO7641FC Datasheet HTML 14Page - Texas Instruments ISO7641FC Datasheet HTML 15Page - Texas Instruments ISO7641FC Datasheet HTML 16Page - Texas Instruments ISO7641FC Datasheet HTML 17Page - Texas Instruments ISO7641FC Datasheet HTML 18Page - Texas Instruments ISO7641FC Datasheet HTML 19Page - Texas Instruments ISO7641FC Datasheet HTML 20Page - Texas Instruments ISO7641FC Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ISO7631FM, ISO7631FC
ISO7640FC, ISO7641FC
www.ti.com
SLLSEC3A – SEPTEMBER 2012 – REVISED SEPTEMBER 2012
DEVICE INFORMATION
IEC INSULATION AND SAFETY-RELATED SPECIFICATIONS FOR DW-16 PACKAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (Clearance)
Shortest terminal to terminal distance through air
8.3
mm
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)(1)
8.1
mm
(Creepage)
package surface
Tracking resistance (Comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
≥400
V
Tracking Index)
Minimum Internal Gap (Internal
Distance through the insulation
0.014
mm
Clearance)
VIO = 500 V, TA < 100°C
>1012
Isolation resistance, Input to
RIO
(2)
Ω
Output
VIO = 500 V, 100°C ≤ TA ≤ max
>1011
Barrier capacitance, Input to
VI = 0.4 sin (2πft), f = 1MHz
CIO
(2)
2
pF
Output
CI
(3)
Input capacitance
VI = VCC/2 + 0.4 sin (2πft), f = 1MHz, VCC = 5 V
2
pF
(1)
Per JEDEC package dimensions.
(2)
All pins on each side of the barrier tied together creating a two-terminal device.
(3)
Measured from input pin to ground.
spacer
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the
measurement techniques shown in the Isolation Glossary. Techniques such as inserting
grooves and/or ribs on a printed circuit board are used to help increase these
specifications.
Table 2. DIN EN 60747-5-2 (VDE 0884 TEIL 2) INSULATION CHARACTERISTICS(1)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
1414
VPEAK
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
1697
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
VPR
Input-to-output test voltage
VPR = VIORM x 1.6, t = 10 s,
2262
VPEAK
Partial Discharge < 5 pC
Method b1, 100% Production test
VPR = VIORM x 1.875, t = 1 s
2652
Partial discharge < 5 pC
VTEST = VIOTM
VIOTM
Maximum transient overvoltage
t = 60 sec (Qualification)
4000
VPEAK
t = 1 sec (100% Production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ISO7631FM ISO7631FC ISO7640FC ISO7641FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com