Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV358 Datasheet(HTML) 2 Page - Texas Instruments

  LMV358 Datasheet HTML 1Page - Texas Instruments LMV358 Datasheet HTML 2Page - Texas Instruments LMV358 Datasheet HTML 3Page - Texas Instruments LMV358 Datasheet HTML 4Page - Texas Instruments LMV358 Datasheet HTML 5Page - Texas Instruments LMV358 Datasheet HTML 6Page - Texas Instruments LMV358 Datasheet HTML 7Page - Texas Instruments LMV358 Datasheet HTML 8Page - Texas Instruments LMV358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
SLOS263U – AUGUST 1999 – REVISED JULY 2012
www.ti.com
ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
Reel of 3000
LMV321IDCKR
–40°C to 85°C
Single
SC-70 – DCK
R3_
Reel of 250
LMV321IDCKT
Reel of 3000
LMV321IDBVR
–40°C to 125°C
Single
SOT-23 – DBV
RC1_
Reel of 250
LMV321IDBVT
Reel of 2500
LMV358IDGKR
R5_
MSOP/VSSOP – DGK
Reel of 250
LMV358IDGKT
PREVIEW
Tube of 75
LMV358ID
SOIC – D
MV358I
–40°C to 125°C
Dual
Reel of 2500
LMV358IDR
Tube of 150
LMV358IPW
TSSOP – PW
MV358I
Reel of 2000
LMV358IPWR
VSSOP – DDU
Reel of 3000
LMV358IDDUR
RA5_
Tube of 50
LMV324ID
–40°C to 125°C
Quad
SOIC – D
LMV324I
Reel of 2500
LMV324IDR
Tube of 50
LMV324SID
–40°C to 85°C
Quad
SOIC – D
LMV324SI
Reel of 2500
LMV324SIDR
Reel of 2000
LMV324IPWR
MV324I
–40°C to 125°C
Quad
TSSOP – PW
Reel of 2000
LMV324SIPWR
MV324SI
Reel of 2500
LMV358QDGKR
MSOP/VSSOP – DGK
RH_
Reel of 250
LMV358QDGKT
Tube of 75
LMV358QD
SOIC – D
MV358Q
Dual
Reel of 2500
LMV358QDR
Tube of 150
LMV358QPW
TSSOP – PW
MV358Q
–40°C to 125°C
Reel of 2000
LMV358QPWR
VSSOP – DDU
Reel of 3000
LMV358QDDUR
RAH_
Tube of 50
LMV324QD
SOIC – D
LMV324Q
Reel of 2500
LMV324QDR
Quad
Tube of 90
LMV324QPW
TSSOP – PW
MV324Q
Reel of 2000
LMV324QPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DDU/DGK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 1999–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com