Electronic Components Datasheet Search
  English  ▼

X  

DAC8143 Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8143
Description  12-Bit Serial Daisy-Chain CMOS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8143 Datasheet(HTML) 5 Page - Analog Devices

  DAC8143 Datasheet HTML 1Page - Analog Devices DAC8143 Datasheet HTML 2Page - Analog Devices DAC8143 Datasheet HTML 3Page - Analog Devices DAC8143 Datasheet HTML 4Page - Analog Devices DAC8143 Datasheet HTML 5Page - Analog Devices DAC8143 Datasheet HTML 6Page - Analog Devices DAC8143 Datasheet HTML 7Page - Analog Devices DAC8143 Datasheet HTML 8Page - Analog Devices DAC8143 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DAC8143
–5–
REV. C
10
FREQUENCY – Hz
–90
0.032
0.010
–85
–80
–75
–70
–95
0.018
0.0056
0.0032
0.0018
100
1k
10k
100k
VIN = 5V rms
OUTPUT OP AMP: OP-42
Figure 3. Multiplying Mode Total Harmonic
Distortion vs. Frequency
Typical Performance Characteristics–
ALL BITS ON
100
FREQUENCY – Hz
B10
0
(MSB) B11
B9
B8
B7
B6
B5
B4
B3
B2
B1
(LSB) B0
DATA BITS "ON"
(ALL OTHER
DATA BITS "OFF")
1k
10k
100k
1M
10M
12
24
36
48
60
72
84
96
108
Figure 2. Multiplying Mode Frequency
Response vs. Digital Code
3
0
VIN – Volts
2
1
0
1
234
5
Figure 4. Supply Current vs. Logic
Input Voltage
4
1
VDD – Volts
3
2
0
1
2.4
–0.8
3
5
7
9
11
13
17
15
Figure 7. Logic Threshold Voltage
vs. Supply Voltage
0.5
0
DIGITAL INPUT CODE – Decimal
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
1024
2048
3072
4095
1536
2560
3584
512
Figure 5. Linearity Error vs. Digital
Code
0.5
2
VREF – Volts
46
8
10
0.25
0
–0.25
–0.5
Figure 8. DNL Error vs. Reference
Voltage
0.5
2
VREF – Volts
46
8
10
0.25
0
–0.25
–0.5
Figure 6. Linearity Error vs. Refer-
ence Voltage
40
0
SRO – VOLTAGE OUT – Volts
30
20
10
0
–10
–20
–30
–40
1
234
5
TA = +25 C
LOGIC 1
LOGIC 0
Figure 9. Digital Output Voltage vs.
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com