Electronic Components Datasheet Search
  English  ▼

X  

OPA4313IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313IPWR
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4313IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA4313IPWR Datasheet HTML 15Page - Texas Instruments OPA4313IPWR Datasheet HTML 16Page - Texas Instruments OPA4313IPWR Datasheet HTML 17Page - Texas Instruments OPA4313IPWR Datasheet HTML 18Page - Texas Instruments OPA4313IPWR Datasheet HTML 19Page - Texas Instruments OPA4313IPWR Datasheet HTML 20Page - Texas Instruments OPA4313IPWR Datasheet HTML 21Page - Texas Instruments OPA4313IPWR Datasheet HTML 22Page - Texas Instruments OPA4313IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
APPLICATION EXAMPLES
GENERAL CONFIGURATIONS
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting terminal of the
amplifier, as Figure 37 shows.
Figure 37. Single-Pole Low-Pass Filter
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this
task, as Figure 38 shows. For best results, the amplifier should have a bandwidth that is eight to 10 times the
filter frequency bandwidth. Failure to follow this guideline can result in phase shift of the amplifier.
Figure 38. Two-Pole Low-Pass Sallen-Key Filter
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com