Electronic Components Datasheet Search
  English  ▼

X  

OPA4313 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4313
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4313 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4313 Datasheet HTML 6Page - Texas Instruments OPA4313 Datasheet HTML 7Page - Texas Instruments OPA4313 Datasheet HTML 8Page - Texas Instruments OPA4313 Datasheet HTML 9Page - Texas Instruments OPA4313 Datasheet HTML 10Page - Texas Instruments OPA4313 Datasheet HTML 11Page - Texas Instruments OPA4313 Datasheet HTML 12Page - Texas Instruments OPA4313 Datasheet HTML 13Page - Texas Instruments OPA4313 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0
5
10
15
20
25
Offset Voltage Drift (µV/oC)
C006
0
1
2
3
4
5
6
7
8
9
Offset Voltage (mV)
C005
40
42
44
46
48
50
52
54
56
58
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
C003
35
40
45
50
55
60
65
-50
-25
0
25
50
75
100
125
Temperature (oC)
C004
V
S = 5.5 V
V
S = 1.8 V
100
105
110
115
120
125
130
135
140
-50
-25
0
25
50
75
100
125
Temperature (oC)
C002
10 k , 5.5 V
2 k , 5.5 V
10 k , 1.8 V
100 k , 5.5 V
0
45
90
135
180
-20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
C001
Gain
Phase
CL=10pF
C
L = 10 pF
CL=100pF
C
L = 100 pF
OPA313
OPA2313
OPA4313
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25 °C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 1. OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Figure 2. OPEN-LOOP GAIN vs TEMPERATURE
Figure 3. QUIESCENT CURRENT vs SUPPLY
Figure 4. QUIESCENT CURRENT vs TEMPERATURE
Figure 5. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 6. OFFSET VOLTAGE DRIFT DISTRIBUTION
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com