Electronic Components Datasheet Search
  English  ▼

X  

TAS5548DCAR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548DCAR
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548DCAR Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 35Page - Texas Instruments TAS5548DCAR Datasheet HTML 36Page - Texas Instruments TAS5548DCAR Datasheet HTML 37Page - Texas Instruments TAS5548DCAR Datasheet HTML 38Page - Texas Instruments TAS5548DCAR Datasheet HTML 39Page - Texas Instruments TAS5548DCAR Datasheet HTML 40Page - Texas Instruments TAS5548DCAR Datasheet HTML 41Page - Texas Instruments TAS5548DCAR Datasheet HTML 42Page - Texas Instruments TAS5548DCAR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
5.2.4
Speaker/Headphone Selector (HP_SEL)
The HP_SEL terminal enables the headphone output or the speaker outputs. The headphone output
receives the processed data output from DAP and PWM channels 1 and 2.
In 6-channel configuration, this feature does not affect the two lineout channels.
When low, the headphone output is enabled. In this mode, the speaker outputs are disabled. When high,
the speaker outputs are enabled and the headphone is disabled.
Changes in the pin logic level result in a state change sequence using soft mute (PWM switching at 50/50,
noise shaper on) to the hard mute (non-PWM switching) mode for both speaker and headphone followed
by a soft unmute.
When HP_SEL is low, the configuration of channels 1 and 2 is defined by the headphone configuration
register. When HP_SEL is high, the channel-1 and -2 configuration registers define the configuration of
channels 1 and 2.
If using the remapped-output mixer configuration (0xD0 bit 30 = 0) in the 6-channel mode, the headphone
operation is modified. That is, following the assertion or de-assertion of headphone, mute must be
asserted and de-asserted using the MUTE pin.
5.2.5
Mute (MUTE)
The mute control provides a noiseless volume ramp to silence. Releasing mute provides a noiseless ramp
to previous volume. The TAS5548 has both master and individual channel mute commands. A terminal is
also provided for the master mute. The master mute I2C register and the MUTE terminal are logically
ORed together. If either is asserted, a mute on all channels is performed. The master mute command
operates on all channels regardless of whether the system is in the 6- or 8-channel configuration. PWM is
switching at 50% duty cycle during mute.
The master mute terminal is used to support a variety of other operations in the TAS5548, such as setting
the biquad coefficients, the serial interface format, and the clock rates. A mute command by the master
mute terminal, individual I2C mute, the AM interference mute sequence, the bank-switch mute sequence,
or automute overrides an unmute command or a volume command. While a mute is active, the
commanded channels are placed in a mute state. When a channel is unmuted, it goes to the last
commanded volume setting that has been received for that channel.
Copyright © 2012, Texas Instruments Incorporated
TAS5548 Controls and Status
39
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com