Electronic Components Datasheet Search
  English  ▼

X  

THS4532IPW Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPW
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4532IPW Datasheet HTML 18Page - Texas Instruments THS4532IPW Datasheet HTML 19Page - Texas Instruments THS4532IPW Datasheet HTML 20Page - Texas Instruments THS4532IPW Datasheet HTML 21Page - Texas Instruments THS4532IPW Datasheet HTML 22Page - Texas Instruments THS4532IPW Datasheet HTML 23Page - Texas Instruments THS4532IPW Datasheet HTML 24Page - Texas Instruments THS4532IPW Datasheet HTML 25Page - Texas Instruments THS4532IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
0
2
4
6
8
10
12
14
16
Input Offset Voltage Temperature Drift (µV/°C)
0°C to +70°C
−40°C to +85°C
−40°C to +125°C
THS4532IPW
VS = 5 V
Both Channels
G066
−1000
−800
−600
−400
−200
0
200
400
600
800
1000
−50
−25
0
25
50
75
100
125
Temperature (°C)
THS4532IPW
VS = 5 V
Channel 1
G067
0
100
200
300
400
500
600
700
Input Offset Voltage (µV)
Ch 1
Ch 2
THS4532IPW
VS = 5 V
TA = 25°C
G065
−50
−40
−30
−20
−10
0
10
20
30
40
50
−50
−25
0
25
50
75
100
125
Temperature (°C)
THS4532IPW
VS = 5 V
Channel 1
G064
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS = 5V (continued)
Test conditions unless otherwise noted: VS+ = 5 V, VS– = 0V, VOCM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply, TA = 25°Cunless otherwise noted.
INPUT OFFSET CURRENT
vs
INPUT OFFSET VOLTAGE
TEMPERATURE
HISTOGRAM
Figure 66.
Figure 67.
INPUT OFFSET VOLTAGE
vs
INPUT OFFSET VOLTAGE TEMP DRIFT
HISTOGRAM
TEMPERATURE
Figure 68.
Figure 69.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com