Electronic Components Datasheet Search
  English  ▼

X  

DAC8222 Datasheet(PDF) 4 Page - Analog Devices

Part # DAC8222
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222 Datasheet(HTML) 4 Page - Analog Devices

  DAC8222 Datasheet HTML 1Page - Analog Devices DAC8222 Datasheet HTML 2Page - Analog Devices DAC8222 Datasheet HTML 3Page - Analog Devices DAC8222 Datasheet HTML 4Page - Analog Devices DAC8222 Datasheet HTML 5Page - Analog Devices DAC8222 Datasheet HTML 6Page - Analog Devices DAC8222 Datasheet HTML 7Page - Analog Devices DAC8222 Datasheet HTML 8Page - Analog Devices DAC8222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DAC8222
–4–
REV. C
11. AGND
13. DB4
12. IOUT A
14. DB3
13. RFB A
15. DB2
14. VREF A
16. DB1
15. DGND
17. DB0 (LSB)
16. DB11(MSB)
18.
DAC A/DAC B
17. DB10
19.
LDAC
18. DB9
20.
WR
19. DB8
21. VDD
10. DB7
22. VREF B
11. DB6
23. RFB B
12. DB5
24. IOUT B
Substrate (die backside) is internally connected to VDD.
DICE CHARACTERISTICS
DIE SIZE 0.124
× 0.132 inch, 16,368 sq. mils
(3.15
× 3.55 mm, 10.56 sq. mm)
WAFER TEST LIMITS (@ V
DD = +5 V or +15 V, VREF A = VREF B = +10 V, VOUT A = VOUT B = 0 V; AGND = DGND = 0 V; TA = +25 C)
DAC8222G
Parameter
Symbol
Conditions
Limit
Units
Relative Accuracy
INL
Endpoint Linearity Error
±1LSB max
Differential Nonlinearity
DNL
All Grades are Guaranteed Monotonic
±1LSB max
Full Scale Gain Error
1
GFSE
Digital Inputs = 1111 1111 1111
±4LSB max
Output Leakage
Digital Inputs = 0000 0000 0000
±50
nA max
(IOUT A, IOUT B)ILKG
Pads 2 and 24
Input Resistance
(VREF A, VREF B)RREF
Pads 4 and 22
8/15
k
Ω max
Input Resistance Match
∆RREF
±1% max
RREF
Digital Input High
VINH
VDD = +5 V
2.4
V min
VDD = +15 V
13.5
V min
Digital Input Low
VINL
VDD = +5 V
0.8
V max
VDD = +15 V
1.5
V min
Digital Input Current
IIN
VIN = 0 V or VDD; VINL or VINH
±1
µA max
Supply Current
IDD
All Digital Inputs VINL or VINH
2
All Digital Inputs 0 V or VDD
0.1
mA max
DC Supply Rejection
PSR
∆VDD = ±5%
0.002
%/% max
(
∆Gain/∆V
DD)
NOTES
1Measured using internal R
FB A and RFB B.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com