Electronic Components Datasheet Search
  English  ▼

X  

DAC8222GP Datasheet(PDF) 9 Page - Analog Devices

Part # DAC8222GP
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222GP Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8222GP Datasheet HTML 5Page - Analog Devices DAC8222GP Datasheet HTML 6Page - Analog Devices DAC8222GP Datasheet HTML 7Page - Analog Devices DAC8222GP Datasheet HTML 8Page - Analog Devices DAC8222GP Datasheet HTML 9Page - Analog Devices DAC8222GP Datasheet HTML 10Page - Analog Devices DAC8222GP Datasheet HTML 11Page - Analog Devices DAC8222GP Datasheet HTML 12Page - Analog Devices DAC8222GP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DAC8222
–9–
REV. C
Table I. Mode Selection
Digital Inputs
Register Status
DAC A
DAC B
DAC
A/B
WR
LDAC
Input Register
DAC Register
Input Register
DAC Register
L
L
L
WRITE
WRITE
LATCHED
WRITE
H
L
L
LATCHED
WRITE
WRITE
WRITE
L
L
H
WRITE
LATCHED
LATCHED
LATCHED
H
L
H
LATCHED
LATCHED
WRITE
LATCHED
X
H
L
LATCHED
WRITE
LATCHED
WRITE
X
H
H
LATCHED
LATCHED
LATCHED
LATCHED
L = Low, H = High, X = Don’t Care
WRITE TIMING CYCLES
Two timing diagrams are shown and are at the user’s discretion
which to use.
The TWO-CYCLE UPDATE, as the name implies, allows both
DAC registers to be loaded and the outputs updated in two
cycles. Data is first loaded into one DAC’s input register on the
first write cycle, and then new data loaded into the other DAC’s
input register while simultaneously updating both DAC outputs
on the second cycle.
The THREE-CYCLE UPDATE allows
DAC A and DAC B
registers to be loaded and analog output to be updated at a later
time. The first two cycles load both DACs as above, and the
third cycle updates the outputs.
The
LDAC and DAC A/DAC B control pins can be tied to-
gether and controlled with a single strobe. When using the DAC
in this configuration, DAC B must be loaded first.
INTERFACE CONTROL LOGIC
DAC A/DAC B (Pin 18)–DAC Selection. Active low for
DAC A and active high for DAC B.
WR (Pin 20)–WRITE. Active Low. Used to write data into
either DAC A or DAC B input registers, or active high latches
data into the input registers.
LDAC (Pin 19)–LOAD DAC. Active Low. Used to simulta-
neously transfer data from
DAC A and DAC B input registers
to both DAC outputs. The DAC becomes transparent (activity
on the digital inputs appear at the analog output) when both
WR and LDAC are low. Data is latched into the output regis-
ters on the rising edge of
LDAC.
Three-Cycle Update
Figure 23. Write Cycle Timing Diagram
Two-Cycle Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com