Electronic Components Datasheet Search
  English  ▼

X  

DAC8248 Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8248
Description  Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248 Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8248 Datasheet HTML 4Page - Analog Devices DAC8248 Datasheet HTML 5Page - Analog Devices DAC8248 Datasheet HTML 6Page - Analog Devices DAC8248 Datasheet HTML 7Page - Analog Devices DAC8248 Datasheet HTML 8Page - Analog Devices DAC8248 Datasheet HTML 9Page - Analog Devices DAC8248 Datasheet HTML 10Page - Analog Devices DAC8248 Datasheet HTML 11Page - Analog Devices DAC8248 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DAC8248
–8–
REV. B
Four Cycle Update
Five Cycle Update
Write Timing Cycle Diagram
PARAMETER DEFINITIONS
RESOLUTION (N)
The resolution of a DAC is the number of states (2
n) that the
full-scale range (FSR) is divided (or resolved) into; where n is
equal to the number of bits.
RELATIVE ACCURACY (INL)
Relative accuracy, or integral nonlinearity, is the maximum de-
viation of the analog output (from the ideal) from a straight line
drawn between the end points. It is expressed in terms of least
significant bit (LSB), or as a percent of full scale.
DIFFERENTIAL NONLINEARITY (DNL)
Differential nonlinearity is the worst case deviation of any adja-
cent analog output from the ideal 1 LSB step size. The devia-
tion of the actual “step size” from the ideal step size of 1 LSB is
called the differential nonlinearity error or DNL. DACs with
DNL greater than
±1 LSB may be nonmonotonic. ±1/2 LSB
INL guarantees monotonicity and
±1 LSB maximum DNL.
GAIN ERROR (GFSE)
Gain error is the difference between the actual and the ideal
analog output range, expressed as a percent of full-scale or in
terms of LSB value. It is the deviation in slope of the DAC
transfer characteristic from ideal.
Refer to PMI 1990/91 Data Book, Section 11, for additional
digital-to-analog converter definitions.
GENERAL CIRCUIT DESCRIPTION
CONVERTER SECTION
The DAC8248 incorporates two multiplying 12-bit current out-
put CMOS digital-to-analog converters on one monolithic chip.
It contains two highly stable thin-film R-2R resistor ladder net-
works, two 12-bit DAC registers, two 8-bit input registers, and
two 4-bit input registers. It also contains the DAC control logic
circuitry and 24 single-pole, double-throw NMOS transistor
current switches.
Figure 1 shows a simplified circuit for the R-2R ladder and tran-
sistor switches for a single DAC. R is typically 11 k
Ω. The tran-
sistor switches are binarily scaled in size to maintain a constant
voltage drop across each switch. Figure 2 shows a single NMOS
transistor switch.
Figure 1. Simplified Single DAC Circuit Configuration.
(Switches Are Shown For All Digital Inputs at Zero)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com