Electronic Components Datasheet Search
  English  ▼

X  

DBMAM25SNMBK52 Datasheet(PDF) 47 Page - ITT Industries

Part # DBMAM25SNMBK52
Description  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMAM25SNMBK52 Datasheet(HTML) 47 Page - ITT Industries

Back Button DBMAM25SNMBK52 Datasheet HTML 43Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 44Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 45Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 46Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 47Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 48Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 49Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 50Page - ITT Industries DBMAM25SNMBK52 Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
C
C-47
www.ittcannon.com
Straight PCB Hole Pattern
PCB Hole Pattern
D*MA High Density
24,99 (.984)
2,29 (.090)
2,04 (.080)
1,40 (.055)
0,89 (.035)
0,25 (.010)
33,32 (1.312)
2,29 (.090)
1,78 (.070)
0,51 (.020)
0,64 (.025)
1,65 (.065)
47,04 (1.852)
2,29 (.090)
1,78 (.070)
0,51 (.020)
0,64 (.025)
1,64 (.065)
63,50 (2.500)
1,63 (.064)
0,79 (.031)
0,42 (.0165)
2,41 (.095)
1,99 (0785)
61,11 (2.406)
2,41 (.095)
1,21 (.048)
63,50 (2.500)
1,83 (.072)
0,58 (.023)
0,62 (.024)
2,41 (.095
1,79 (070)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
(Mating Side)
SIZE E
15 Contacts
SIZE A
26 Contacts
SIZE B
44 Contacts
SIZE C
62 Contacts
SIZE D
78 Contacts
SIZE F
104 Contacts
Face view, pin insert for plug
(use a mirror image for receptacle)
Dimension X
1,98 (.078) for sizes E, A, B, C
2,08 (.082) for size D
Recommended PC hole for signal contacts
?
0,90 (.035) min for terminations ? 0,51 (.020)
?
1,00 (.040) min for terminations ? 0,57 (.022)
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com