Electronic Components Datasheet Search
  English  ▼

X  

FSDP-103-1B Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # FSDP-103-1B
Description  1 AMP FAST RECOVERY SILICON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FSDP-103-1B Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  FSDP-103-1B Datasheet HTML 1Page - DIOTEC Electronics Corporation FSDP-103-1B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES RP100 - RP110
Data Sheet No. FSDP-103-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1 AMP FAST RECOVERY SILICON DIODES
H26
0.6
0.2
0
0.4
0.8
1.0
1.2
0
50
100
150
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC
Instantaneous Forward Voltage (Volts)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1.0
FIGURE 4. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
FIGURE 5. REVERSE RECOVERY TEST SETUP AND TIME CHARACTERISTIC
W
W
W
(+)
(+)
(-)
(-)
D.U.T.
-1.0
-0.5
0.0
0.5
T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com