Electronic Components Datasheet Search
  English  ▼

X  

FSDP-103-2B Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FSDP-103-2B
Description  1 AMP FAST RECOVERY SILICON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FSDP-103-2B Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FSDP-103-2B Datasheet HTML 1Page - DIOTEC Electronics Corporation FSDP-103-2B Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
FEATURES
Data Sheet No. FSDP-103-1B
MECHANICAL SPECIFICATION
1 AMP FAST RECOVERY SILICON DIODES
Average Forward Rectified Current @ T = 75 C
(Lead length = 0.375 in. (9.5 mm))
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current ( 8.3 mSec single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 1 Amp DC
Typical Thermal Resistance, Junction to Ambient (Note 1)
Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
T
R
T T
I
V
V
V
SYMBOL
RATINGS
VOLTS
°C/W
°C
AMPS
UNITS
VOLTS
A
V
I
Typical Junction Capacitance (Note 2)
C
pF
@ T = 25 C
@ T = 100 C
Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.012 Ounces (0.34 Grams)
H25
MECHANICAL DATA
ACTUAL SIZE OF
DO-41 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
SERIES RP100 - RP110
nS
DO - 41
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Low cost
Low leakage
Low forward voltage drop
High current capacity
Fast switching for high efficiency
RoHS COMPLIANT


Similar Part No. - FSDP-103-2B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - FSDP-103-2B

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP100 DEC-RP100 Datasheet
330Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
RP600 DEC-RP600 Datasheet
422Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
BR5A5 EDAL-BR5A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 1.0 AMP DIODES
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 3.0 AMP DIODES
MR7A5 EDAL-MR7A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
FSPD-200-1B DEC-FSPD-200-1B Datasheet
410Kb / 2P
2 AMP FAST RECOVERY SILICON DIODES
FSDP-301-1B DEC-FSDP-301-1B Datasheet
407Kb / 2P
3 AMP FAST RECOVERY SILICON DIODES
FSDP-601-1C DEC-FSDP-601-1C Datasheet
425Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com