Electronic Components Datasheet Search
  English  ▼

X  

MS-328-3 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # MS-328-3
Description  Standard Reed Sensor ??Flatpack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MS-328-3 Datasheet(HTML) 2 Page - DB Lectro Inc

  MS-328-3 Datasheet HTML 1Page - DB Lectro Inc MS-328-3 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-328-3
Standard Reed Sensor
•••• Flatpack
ms3283_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 1.0 (003)
Page 2 of 2
Pb
Lead free
Matching Actuator MSM-328
in mm
28.5 ±0.2
15.9
19.0 ±0.2
9.5
6.3 ±0.2
8.0
4.7
3.4
3.2
Customized types and other magnet orientations available.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com