Electronic Components Datasheet Search
  English  ▼

X  

MSI10A Datasheet(PDF) 4 Page - DB Lectro Inc

Part # MSI10A
Description  Mylar Speaker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSI10A Datasheet(HTML) 4 Page - DB Lectro Inc

  MSI10A Datasheet HTML 1Page - DB Lectro Inc MSI10A Datasheet HTML 2Page - DB Lectro Inc MSI10A Datasheet HTML 3Page - DB Lectro Inc MSI10A Datasheet HTML 4Page - DB Lectro Inc MSI10A Datasheet HTML 5Page - DB Lectro Inc MSI10A Datasheet HTML 6Page - DB Lectro Inc MSI10A Datasheet HTML 7Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Speaker
Mylar Speaker
www.hk-sound.com
P.88
MSI20B Series
Specifications:
Parameters
Units
MSI20B065PS8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
650
Frequency Range
Hz
Fo - 20000
Rated Power
W
1
Max Power
W
1.5
Sound Pressure Level
dB
88
3
Impedance
8
Operating Temperature
°C
-20 - +60
Frame Material
-
Plastic
Weight
g
2.4
Value applying at 0.1m 0.1W 0.8k, 1k, 1.2k, 1.5kHz Average
MSI20C Series
Specifications:
Parameters
Units
MSI20C085PW8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
850
Frequency Range
Hz
Fo - 20000
Rated Power
W
0.5
Max Power
W
0.75
Sound Pressure Level
dB
88
3
Impedance
8
Operating Temperature
°C
-30 - +70
Frame Material
-
Plastic
Weight
g
1.3
Value applying at 0.1m 0.1W 1k, 1.2k, 1.5k, 2kHz Average
MSI20D Series
Specifications:
Parameters
Units
MSI20D085PW8
Unit: mm • Tolerance: 0.5mm
Fundamental Frequency (fo)
Hz
850
Frequency Range
Hz
Fo - 20000
Rated Power
W
0.8
Max Power
W
1.2
Sound Pressure Level
dB
89
3
Impedance
8
Operating Temperature
°C
-30 - +70
Frame Material
-
Plastic
Weight
g
2.0
Value applying at 0.1m 0.1W 1k, 1.2k, 1.5k, 2kHz Average



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com