Electronic Components Datasheet Search
  English  ▼

X  

MT1275 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # MT1275
Description  Standard Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MT1275 Datasheet(HTML) 1 Page - DB Lectro Inc

  MT1275 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Value applying rated voltage (1/2 duty square wave, resonance frequency)
Magnetic Transducer
Standard Type
www.hk-sound.com
MT1285 Series
Specifications:
Unit: mm • Tolerance: 0.5mm
Min Sound Pressure Level at 10cm
dBA
80
85
80
Rated Voltage
Vo-p
1.5
3.6
1.5
Operating Voltage
Vo-p
1 - 5
1 - 5
1 - 5
Resonance Frequency
Hz
2048
2048
4096
Max Operating Current
mA
15
60
15
Coil Resistance
42
516
4.5
42
5
Operating Temperature
°C
-20 - +60
-20 - +60
-20 - +60
Case Material
-
Noryl
Noryl
Noryl
Weight
g
2.0
2.0
2.0
Value applying rated voltage (1/2 duty square wave, resonance frequency)
P.10
Parameters
Units
MT1285A01NP
MT1285A04NP
MT1285B01NP
MT1275 Series
Specifications:
Unit: mm • Tolerance: 0.5mm
Min Sound Pressure Level at 10cm
dBA
80
85
Rated Voltage
Vo-p
1.5
1.5
Operating Voltage
Vo-p
1 - 2
1 - 2
Resonance Frequency
Hz
2048
2731
Max Operating Current
mA
70
70
Coil Resistance
6.5
1
6.5
1
Operating Temperature
°C
-20 - +60
-20 - +60
Case Material
-
Noryl
Noryl
Weight
g
2.0
2.0
Parameters
Units
MT1275A01NP
MT1275B01NP


Similar Part No. - MT1275

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MT12 ALTECH-MT12 Datasheet
378Kb / 1P
Marking Tags
MT12/H ALTECH-MT12/H Datasheet
378Kb / 1P
Marking Tags
MT12/V ALTECH-MT12/V Datasheet
378Kb / 1P
Marking Tags
logo
DB Lectro Inc
MT1210 DBLECTRO-MT1210 Datasheet
311Kb / 1P
MT1210 Series
logo
Prokits Industries Co.,...
MT1210 PROSKITINDUSTRIES-MT1210 Datasheet
728Kb / 3P
Telecom & Network Installer to ol kits
More results

Similar Description - MT1275

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MT1612 DBLECTRO-MT1612 Datasheet
171Kb / 1P
Standard Type
MT1622 DBLECTRO-MT1622 Datasheet
139Kb / 1P
Standard Type
logo
NIHON DEMPA KOGYO
NZ3225SH NDK-NZ3225SH Datasheet
736Kb / 2P
Standard Type
NZ2520SH NDK-NZ2520SH_18 Datasheet
882Kb / 2P
Standard Type
NZ3225SH NDK-NZ3225SH_18 Datasheet
828Kb / 2P
Standard Type
NZ3225SH_18 NDK-NZ3225SH_18_03 Datasheet
828Kb / 2P
Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4 CITIZEN-CLU028-1203C4_18 Datasheet
625Kb / 15P
Standard Type
CLU038-1210C4 CITIZEN-CLU038-1210C4_18 Datasheet
642Kb / 15P
Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4_18 Datasheet
711Kb / 15P
Standard Type
CLU048-1216C4 CITIZEN-CLU048-1216C4 Datasheet
649Kb / 15P
Standard Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com