Electronic Components Datasheet Search
  English  ▼

X  

CX3225SA Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX3225SA
Description  3.2횞2.5mm for Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX3225SA Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX3225SA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.2
×2.5mm for Automotive
Crystal Units
Surface Mount Type CX3225SA
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Improved solderability
• Improved mounting stability with 4 terminals
• Improved anti-noise performance with
GND terminal
• Using ceramic package resulting in high reliability
• Small and low profile
• Improved rust prevention performance
• Reflow compatible
• Highly reliable solder junction
(3000 heat cycles
-40 to +125°C)
• AEC-Q200 qualitied
Applications
• ECU
• TPMS
• High-Speed Automotive Network (Flex RayTM etc.)
How to Order
CX3225SA 12000 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
Std.
F0
10 pF
—
④ Frequency Stability
K
±30×10-6
—
P
±50×10-6 Std.
Q
±100×10-6 —
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
SV
-40 to +125°C
±150×10-6
—
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 3000/ 1000 pcs./ reel)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
9843.750
CX3225SA09843D0PTWZ1
10000.000
CX3225SA10000D0PTWZ1
12000.000
CX3225SA12000D0PTWZ1
12800.000
CX3225SA12800D0PTWZ1
13560.000
CX3225SA13560D0PTWZ1
16000.000
CX3225SA16000D0PTWZ1
19200.000
CX3225SA19200D0PTWZ1
20000.000
CX3225SA20000D0PTWZ1
24000.000
CX3225SA24000D0PTWZ1
26000.000
CX3225SA26000D0PTWZ1
28636.360
CX3225SA28636D0PTWZ1
32000.000
CX3225SA32000D0PTWZ1
40000.000
CX3225SA40000D0PTWZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
8000 to 54000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
8
pF
Frequency Stability
f_tol
±50
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
8000 to 9799kHz
500
Ω max.
9800 to 14999kHz
200
Ω max.
15000 to 15999kHz
100
Ω max.
16000 to 19999kHz
60
Ω max.
20000 to 54000kHz
50
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
8000 to 54000kHz
10
μW (200μW max.)
3.2±0.1
4−0.11±0.1
4−0.15±0.1
4−1.15±0.1
CONNECTION
(TOP VIEW)
GND
GND
4-R0.2
#4
#3
#1
#2
#1
#2
#4
#3
#4
#3
#1
#2
C 0.30
Dimensions
(Unit: mm)
1.45
1.45
0.7
Recommended Land Pattern
(Unit: mm)


Similar Part No. - CX3225SA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX3225SA KSS-CX3225SA Datasheet
70Kb / 1P
Crystal units surface mount type
CX3225SA12000D0PTVCC KSS-CX3225SA12000D0PTVCC Datasheet
70Kb / 1P
Crystal units surface mount type
CX3225SA KSS-CX3225SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results

Similar Description - CX3225SA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225A-C2 KSS-KC3225A-C2 Datasheet
110Kb / 1P
CMOS/ 2.5V/ 3.2횞2.5mm
CX3225CA KSS-CX3225CA Datasheet
98Kb / 1P
3.2횞2.5mm for Automotive
CX3225GA KSS-CX3225GA Datasheet
153Kb / 1P
3.2횞2.5mm for Automotive
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
KC3225A-C3 KSS-KC3225A-C3 Datasheet
125Kb / 1P
CMOS/ 3.3V/ 3.2횞2.5mm
logo
NIHON DEMPA KOGYO
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
For Automotive
WFC75C1472CE NDK-WFC75C1472CE Datasheet
843Kb / 1P
For Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com