Electronic Components Datasheet Search
  English  ▼

X  

MSQ04003 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # MSQ04003
Description  Caract챕ristiques fonctionnelles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSQ04003 Datasheet(HTML) 3 Page - DB Lectro Inc

  MSQ04003 Datasheet HTML 1Page - DB Lectro Inc MSQ04003 Datasheet HTML 2Page - DB Lectro Inc MSQ04003 Datasheet HTML 3Page - DB Lectro Inc MSQ04003 Datasheet HTML 4Page - DB Lectro Inc MSQ04003 Datasheet HTML 5Page - DB Lectro Inc MSQ04003 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
*W [kg]: Approximate Weight per box in kg
**industrial packaging: add “-00000E” at standard code
MSQ
MSQ__006
Straight, Modular-Side Entry
10.16 mm / .400” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01006
350
0,88
2000
5,02
02
MSQ02006
225
1,13
1250
6,28
03
MSQ03006
125
0,94
750
5,65
04
MSQ04006
100
1,00
500
5,02
05
MSQ05006
75
0,94
500
6,28
06
MSQ06006
75
1,13
500
7,53
07
MSQ07006
50
0,88
250
4,39
08
MSQ08006
50
1,00
250
5,02
09
MSQ09006
50
1,13
250
5,65
10
MSQ10006
25
0,63
250
6,28
11
MSQ11006
25
0,69
250
6,90
12
MSQ12006
25
0,75
250
7,53
13
MSQ13006
25
0,82
250
8,16
MSQ__007
Straight, Modular-Side Entry
7.62 mm / .300” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02007
225
1,08
1250
6,00
03
MSQ03007
150
1,08
750
5,40
MSQ__005
Straight, Modular-Side Entry
5.08 mm / .200” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02005
350
1,42
2000
8,12
03
MSQ03005
225
1,37
1250
7,61
04
MSQ04005
175
1,42
1000
8,12
05
MSQ05005
125
1,27
750
7,61
06
MSQ06005
125
1,52
750
9,14
07
MSQ07005
100
1,42
500
7,11
08
MSQ08005
75
1,22
500
8,12
09
MSQ09005
75
1,37
500
9,14
10
MSQ10005
75
1,52
500
10,15
11
MSQ11005
75
1,67
250
5,58
12
MSQ12005
50
1,22
250
6,09
13
MSQ13005
50
1,32
250
6,60
14
MSQ14005
50
1,42
250
7,11
15
MSQ15005
50
1,52
250
7,61
16
MSQ16005
50
1,62
250
8,12
17
MSQ17005
50
1,73
200
6,90
18
MSQ18005
50
1,83
200
7,31
19
MSQ19005
25
0,96
200
7,71
20
MSQ20005
25
1,02
200
8,12
21
MSQ21005
25
1,07
200
8,53
22
MSQ22005
25
1,12
200
8,93
23
MSQ23005
25
1,17
200
9,34
24
MSQ24005
25
1,22
150
7,31
25
MSQ25005
25
1,27
150
7,61
MSQ__002
Straight, Modular-Side Entry
10 mm / .394” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01002
350
0,88
2000
5,02
02
MSQ02002
225
1,13
1250
6,28
03
MSQ03002
125
0,94
750
5,65
04
MSQ04002
100
1,00
500
5,02
05
MSQ05002
75
0,94
500
6,28
06
MSQ06002
75
1,13
500
7,53
07
MSQ07002
50
0,88
250
4,39
08
MSQ08002
50
1,00
250
5,02
09
MSQ09002
50
1,13
250
5,65
10
MSQ10002
25
0,63
250
6,28
11
MSQ11002
25
0,69
250
6,90
12
MSQ12002
25
0,75
250
7,53
13
MSQ13002
25
0,82
250
8,16
MSQ__003
Straight, Modular-Side Entry
7.5 mm / .295” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02003
225
1,08
1250
6,00
03
MSQ03003
150
1,08
750
5,40
04
MSQ04003
100
0,96
500
4,80
MSQ__001
Straight, Modular-Side Entry
5 mm / .197” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02001
350
1,42
2000
8,12
03
MSQ03001
225
1,37
1250
7,61
04
MSQ04001
175
1,42
1000
8,12
05
MSQ05001
125
1,27
750
7,61
06
MSQ06001
125
1,52
750
9,14
07
MSQ07001
100
1,42
500
7,11
08
MSQ08001
75
1,22
500
8,12
09
MSQ09001
75
1,37
500
9,14
10
MSQ10001
75
1,52
500
10,15
11
MSQ11001
75
1,67
250
5,58
12
MSQ12001
50
1,22
250
6,09
13
MSQ13001
50
1,32
250
6,60
14
MSQ14001
50
1,42
250
7,11
15
MSQ15001
50
1,52
250
7,61
16
MSQ16001
50
1,62
250
8,12
17
MSQ17001
50
1,73
200
6,90
18
MSQ18001
50
1,83
200
7,31
19
MSQ19001
25
0,96
200
7,71
20
MSQ20001
25
1,02
200
8,12
21
MSQ21001
25
1,07
200
8,53
22
MSQ22001
25
1,12
200
8,93
23
MSQ23001
25
1,17
200
9,34
24
MSQ24001
25
1,22
150
7,31
25
MSQ25001
25
1,27
150
7,61
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com