Electronic Components Datasheet Search
  English  ▼

X  

CX5032SA Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX5032SA
Description  5.0횞3.2mm for Automotive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032SA Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX5032SA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
Surface Mount Type CX5032SA
5.0
×3.2mm for Automotive
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Improved solderability
• Using ceramic package resulting in high
reliability
• Small and low profile
• Improved rust prevention performance
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
• TPMS
• High-Speed Automotive Network (Flex RayTM etc.)
How to Order
CX5032SA 08000 □□ □ □ □ □□
①
②
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
—
F0
10 pF
—
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6 Std.
Q
±100×10-6 —
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
SV
-40 to +125°C
±150×10-6
—
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
Packaging (Tape & Reel 5000/ 1000 pcs./ reel)
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
8000.000
CX5032SA08000H0PTWZ1
9843.750
CX5032SA09843H0PTWZ1
10000.000
CX5032SA10000H0PTWZ1
12000.000
CX5032SA12000H0PTWZ1
13560.000
CX5032SA13560H0PTWZ1
15000.000
CX5032SA15000H0PTWZ1
16000.000
CX5032SA16000H0PTWZ1
18000.000
CX5032SA18000H0PTWZ1
20000.000
CX5032SA20000H0PTWZ1
24000.000
CX5032SA24000H0PTWZ1
25000.000
CX5032SA25000H0PTWZ1
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
8000 to 40000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±50
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
8000 to 8999kHz
200
Ω max.
9000 to 11999kHz
150
Ω max.
12000 to 19999kHz
100
Ω max.
20000 to 40000kHz
50
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
8000 to 40000kHz
10
μW (100μW max.)
4.90±0.1
2.3
0.5
1.2
CONNECTION
(TOP VIEW)
4-R0.2
#4
#3
HOT
GND
#1
#2
HOT
#4
#3
#1
#2
No.2, 4: Case Ground
GND
#1
#2
#4
#3
Dimensions
(Unit: mm)
3.5
1.6
Recommended Land Pattern
(Unit: mm)


Similar Part No. - CX5032SA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX5032SA08000H0PTVZ1 KSS-CX5032SA08000H0PTVZ1 Datasheet
70Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results

Similar Description - CX5032SA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC5032D KSS-KC5032D Datasheet
119Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032E-C3 KSS-KC5032E-C3 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0횞3.2mm
KT5032 KSS-KT5032 Datasheet
129Kb / 1P
5.0횞3.2mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032C-C5 KSS-KC5032C-C5 Datasheet
126Kb / 1P
CMOS/ 5.0V/ 5.0횞3.2mm
KC5032D KSS-KC5032D_12 Datasheet
128Kb / 1P
CMOS/ 3.3V/ 5.0V/ 5.0횞3.2mm
KC5032P-L2 KSS-KC5032P-L2 Datasheet
163Kb / 1P
LVDS/ 2.5V/ 5.0횞3.2mm
KC5032P-L3 KSS-KC5032P-L3 Datasheet
165Kb / 1P
LVDS/ 3.3V/ 5.0횞3.2mm
KC5032P-P2 KSS-KC5032P-P2 Datasheet
163Kb / 1P
LV-PECL/ 2.5V/ 5.0횞3.2mm
KC5032P-P3 KSS-KC5032P-P3 Datasheet
164Kb / 1P
LV-PECL/ 3.3V/ 5.0횞3.2mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com