Electronic Components Datasheet Search
  English  ▼

X  

DAC8426FP Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8426FP
Description  Quad 8-Bit Voltage Out CMOS DAC Complete with Internal 10 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8426FP Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8426FP Datasheet HTML 4Page - Analog Devices DAC8426FP Datasheet HTML 5Page - Analog Devices DAC8426FP Datasheet HTML 6Page - Analog Devices DAC8426FP Datasheet HTML 7Page - Analog Devices DAC8426FP Datasheet HTML 8Page - Analog Devices DAC8426FP Datasheet HTML 9Page - Analog Devices DAC8426FP Datasheet HTML 10Page - Analog Devices DAC8426FP Datasheet HTML 11Page - Analog Devices DAC8426FP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DAC8426
–8–
REV. C
a) Large Signal
b) Settling Time Response (Negative Transition)
c) Settling Time Response (Positive Transition)
Figure 3. Dynamic Response
The outputs can withstand an indefinite short-circuit to AGND
to typically 50 mA. The output may also be shorted to any volt-
age between VDD and VSS; however, care must be taken to not
exceed the device maximum power dissipation.
The amplifier’s emitter follower output stage consists of an in-
trinsic NPN bipolar transistor with a 400
µA NMOS pull-down
current-source load connected to VSS. This circuit configuration
shown in Figure 4 enables the output amplifier to develop out-
put voltages very close to AGND. Only the negative supply of the
four output buffer amplifiers are connected to VSS. Operating
the DAC8426 from dual supplies (VDD = +15 V and VSS = –5 V)
improves negative going output settling time near zero volts.
When operating single supply (VDD = +15 V and VSS = 0 V) the
output sink current decreases as the output approaches zero
voltage. Within 200 mV of AGND (single-supply operation) the
internal sinking capability appears resistive at a value of approxi-
mately 1200
Ω. The buffer amplifier output current and voltage
characteristics are plotted in Figure 5.
Test Conditions, All Photos:
VDD = +15 V
CREFOUT = 10 F
RL = 2 k
Digital Input Sequence 0, 255, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com