Electronic Components Datasheet Search
  English  ▼

X  

DR08AMW32 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # DR08AMW32
Description  Dynamic Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

DR08AMW32 Datasheet(HTML) 4 Page - DB Lectro Inc

  DR08AMW32 Datasheet HTML 1Page - DB Lectro Inc DR08AMW32 Datasheet HTML 2Page - DB Lectro Inc DR08AMW32 Datasheet HTML 3Page - DB Lectro Inc DR08AMW32 Datasheet HTML 4Page - DB Lectro Inc DR08AMW32 Datasheet HTML 5Page - DB Lectro Inc DR08AMW32 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dynamic Receiver
www.hk-sound.com
P.99
DR15A Series
Specifications:
Parameters
Units
DR15APW130
Unit: mm • Tolerance: 0.5mm
Sensitivity at 1kHz (IEC318)
dB
92
3
Frequency Range
Hz
300 - 4500
Impedance
130
Input Power (Nom. / Max.)
mW
10 / 20
Operating Temperature
°C
-20 - +60
Frame Material
-
Plastic
Weight
g
1.5
DR15B Series
Specifications:
Parameters
Units
DR15BPR32
Unit: mm • Tolerance: 0.5mm
Sensitivity at 1kHz (IEC318)
dB
108
3
Frequency Range
Hz
300 - 4000
Impedance
32
Input Power (Nom. / Max.)
mW
10 / 20
Operating Temperature
°C
-30 - +70
Frame Material
-
Plastic
Weight
g
0.8
DR20A Series
Specifications:
Parameters
Units
DR20APW150
Unit: mm • Tolerance: 0.5mm
Sensitivity at 1kHz (IEC318)
dB
96
3
Frequency Range
Hz
300 - 4500
Impedance
150
Input Power (Nom. / Max.)
mW
10 / 30
Operating Temperature
°C
-20 - +60
Frame Material
-
Plastic
Weight
g
2.5
* Hearing aid compatible (HAC) version available on request



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com