Electronic Components Datasheet Search
  English  ▼

X  

CC3000MOD Datasheet(PDF) 1 Page - Texas Instruments

Part # CC3000MOD
Description  TI SimpleLink CC3000 Module . Wi-Fi 802.11b/g Network Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3000MOD Datasheet(HTML) 1 Page - Texas Instruments

  CC3000MOD Datasheet HTML 1Page - Texas Instruments CC3000MOD Datasheet HTML 2Page - Texas Instruments CC3000MOD Datasheet HTML 3Page - Texas Instruments CC3000MOD Datasheet HTML 4Page - Texas Instruments CC3000MOD Datasheet HTML 5Page - Texas Instruments CC3000MOD Datasheet HTML 6Page - Texas Instruments CC3000MOD Datasheet HTML 7Page - Texas Instruments CC3000MOD Datasheet HTML 8Page - Texas Instruments CC3000MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SWRS126-013
CC3000MOD
www.ti.com
SWRS126 – NOVEMBER 2012
TI SimpleLink™ CC3000 Module – Wi-Fi 802.11b/g Network Processor
1
FEATURES
•
Operating temperature: –20°C to 70°C
•
Based on TI's seventh generation of proven
234
•
Wireless network processor
Wi-Fi solutions
–
IEEE 802.11 b/g
•
Complete platform solution including user and
–
Embedded IPv4 TCP/IP stack
porting guides, API guide, sample
•
Best-in-class radio performance Wi-Fi™
applications, and support community
–
TX power: +18.0 dBm at 11 Mbps, CCK
–
RX sensitivity: –88 dBm, 8% PER, 11 Mbps
APPLICATIONS
•
Works with low MIPS and low-cost MCUs with
•
Home automation
compact memory footprint
•
Home security
•
FCC, IC, and CE certified with a chip antenna
•
Connected appliances
•
HW design files and design guide available
•
Smart energy
from TI
•
M2M communication
•
Integrated crystal and power management
•
Small form factor: 16.3 mm × 13.5 mm × 2 mm
DESCRIPTION
The TI CC3000 module is a self-contained wireless network processor that simplifies the implementation of
Internet connectivity (see Figure 1). TI's SimpleLink™ Wi-Fi solution minimizes the software requirements of the
host microcontroller (MCU) and is thus the ideal solution for embedded applications using any low-cost and low-
power MCU.
The TI CC3000 module reduces development time, lowers manufacturing costs, saves board space, eases
certification, and minimizes the RF expertise required. This complete platform solution includes software drivers,
sample applications, API guide, user documentation, and a world-class support community.
For more information on TI’s wireless platform solutions for Wi-Fi, go to TI's Wireless Connectivity wiki
(www.ti.com/connectivitywiki).
Figure 1. Wi-Fi Solution for TI SimpleLink CC3000 Module
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SimpleLink, Smart Config are trademarks of Texas Instruments.
3
Wi-Fi is a trademark of Wi-Fi Alliance.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC3000MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000MOD TI-CC3000MOD Datasheet
41Kb / 3P
SimpleLink Wi-Fi CC3000 Module from Texas Instruments
CC3000MOD TI1-CC3000MOD Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
CC3000MODR TI-CC3000MODR Datasheet
41Kb / 3P
SimpleLink Wi-Fi CC3000 Module from Texas Instruments
CC3000MODR TI1-CC3000MODR Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
CC3000MODT TI1-CC3000MODT Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
More results

Similar Description - CC3000MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000 TI-CC3000 Datasheet
41Kb / 3P
SimpleLink Wi-Fi CC3000 Module from Texas Instruments
CC3000 TI1-CC3000_16 Datasheet
1Mb / 19P
Module ??Wi-Fi 802.11b/g Network Processor
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
logo
Telit loT Solutions
WE866A1-P TELIT-WE866A1-P Datasheet
656Kb / 2P
Wi-Fi IEEE 802.11b/g/n Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com