Electronic Components Datasheet Search
  English  ▼

X  

MS-2443 Datasheet(PDF) 3 Page - Analog Devices

Part # MS-2443
Description  Safeguard Your RS-485 Communication Networks from Harmful EMC Events
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MS-2443 Datasheet(HTML) 3 Page - Analog Devices

  MS-2443 Datasheet HTML 1Page - Analog Devices MS-2443 Datasheet HTML 2Page - Analog Devices MS-2443 Datasheet HTML 3Page - Analog Devices MS-2443 Datasheet HTML 4Page - Analog Devices MS-2443 Datasheet HTML 5Page - Analog Devices MS-2443 Datasheet HTML 6Page - Analog Devices MS-2443 Datasheet HTML 7Page - Analog Devices MS-2443 Datasheet HTML 8Page - Analog Devices MS-2443 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Article
MS-2443
Page 3 of 10
Figure 2. IEC61000-4-4 EFT 50 Ω Load Waveforms
These fast burst transients are coupled onto the communication
lines using a capacitive clamp. The EFT is capacitively
coupled onto the communication lines by the clamp rather
than direct contact. This also reduces the loading caused by
the low output impedance of the EFT generator. The coupling
capacitance between the clamp and cable depends on cable
diameter, shielding, and insulation on the cable.
SURGE TRANSIENTS
Surge transients are caused by overvoltage from switching
or lightning transients. Switching transients can result from
power system switching, load changes in power distribution
systems or various system faults such as short circuits.
Lightning transients can be a result of high currents and
voltages injected into the circuit from nearby lightning
strikes. IEC61000-4-5 defines waveforms, test methods, and
test levels for evaluating immunity against these destructive
surges.
The waveforms are specified as the outputs of a waveform
generator in terms of open circuit voltage and short circuit
current. Two waveforms are described. The 10/700 µs
combination waveform is used to test ports intended for
connection to symmetrical communication lines: for
example, telephone exchange lines. The 1.2/50 µs combination
waveform generator is used in all other cases, in particular
short distance signal connections. For RS-485 ports, the
1.2/50 µs waveform is predominantly used and will be
discussed in this section. The waveform generator has an
effective output impedance of 2 Ω; hence, the surge transient
has high currents associated with it.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com