Electronic Components Datasheet Search
  English  ▼

X  

ADC12DL080 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL080
Description  selecting amplifiers, adcs, and clocks for high-performance signal paths
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL080 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12DL080 Datasheet HTML 6Page - Texas Instruments ADC12DL080 Datasheet HTML 7Page - Texas Instruments ADC12DL080 Datasheet HTML 8Page - Texas Instruments ADC12DL080 Datasheet HTML 9Page - Texas Instruments ADC12DL080 Datasheet HTML 10Page - Texas Instruments ADC12DL080 Datasheet HTML 11Page - Texas Instruments ADC12DL080 Datasheet HTML 12Page - Texas Instruments ADC12DL080 Datasheet HTML 13Page - Texas Instruments ADC12DL080 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
9
signalpath.national.com/designer
SIGNAL PATH
designer
Gain1-5
5
CLK
GND
ADC14155
LMH6515
L
C
*Note: the ADC input coupling
capacitors and ADC input impedance
must be considered to accurately
determine the bandpass filter center
frequency and system gain.
C in
R IN
LO
RF
incurring a substantial noise-performance penalty
simply by choosing a suitable RF . The LMH6552
amplifier noise figure is 10.3 dB for a gain of nine.
The second and third harmonic-distortion (HD2/
HD3) specifications at 20 MHz are -92/-93 dBc
respectively, equal to 14-bit converter distortion
levels; while at well over 100 MHz, both HD2
and HD3 exceed the -60 dBc HD performance of
high-speed 8-bit converters.
Alternatively, you may use the ADC14DS105
high-speed ADC and the LMK02000 clock con-
ditioner with the LMH6552. The ADC14DS105
is a 14-bit dual 105 MSPS ADC with serial LVDS
outputs, featuring full power bandwidth of
1 GHz and the industry’s highest SFDR of 81 dB at
240 MHz. The LMK02000 clock conditioner
incorporates the industry’s highest performance
PLL and divider blocks and delivers the industry’s
lowest additive jitter, as low as 20 fs. Combined with
the LMH6552, these devices are suitable for up to
40 MHz Nyquist frequency baseband applications
or oversampled baseband applications on signal
bandwidths of 26.5 MHz and lower. A second or
higher order low pass filter is recommended before
the ADC in order to minimize the effect of noise
and distortion on system performance. Together,
these devices are ideal for use in communications
applications such as in low IF narrowband sampling
below 70 MHz IF where a fourth or higher order
bandpass filter would be recommended.
For under-sampled IF applications, Figure 9
shows National’s new fully-differential LMH6515
Digital Variable Gain Amplifier (DVGA) driv-
ing the ADC14155 converter. The filter in this
example is a second-order RLC bandpass filter
F-3dB
1
2π LC
=
which is tuned to the desired IF frequency by
appropriate selection of the output inductor, L, and
output capacitor, C, according to the equation:
The LMH6515 provides digitally-programmable
gain from -7 dB to 24 dB in 1 dB steps, with
600 MHz of bandwidth, 37 dBm OIP3 at
150 MHz, and 8.3 dB-noise figure for 100Ω
total load. The gain selectability of the LMH6515
allows better utilization of the ADC full-scale
range and results in a larger system dynamic
range. The ADC14155 has 1.1 GHz full-power
bandwidth and delivers 11 ENOB at 238 MHz.
The combination of the ADC14155 and LMH6515
is suitable for a wide range of IF-sampled commu-
nication applications.
Another option is to use the ADC14V155 high-
speed A/D converter and LMK03001 clock
conditioner with the LMH6515. The ADC14V155
is a 155 MSPS ADC with 1.1 GHz full-power
bandwidth and features the industry’s best SFDR
above 170 MHz input frequency. At 238 MHz,
the SFDR is 85 dB. The LMK03001 is the
industry’s first complete clock-conditioner chip
and features the industry’s best jitter performance:
200 fs rms from 10 Hz to 20 MHz bandwidth in
clock-generator mode and 400 fs from 12 kHz to
20 MHz bandwidth in jitter-cleaner mode.
This article has shown that sampled-data systems
can be divided into two main types: Nyquist-
sampled and under-sampled. Depending on
the type of system a given application may use, a
DC-coupled wideband amplifier or an AC-coupled,
narrow-band IF amplifier may be used in order
to drive the ADC. As illustrated, National has a
variety of solutions that can meet the noise and
distortion needs of these various systems whether it
be for 8- to 10-bit GSPS or for higher-resolution,
12- to 14-bit at >100 MSPS.
■
Figure 9. LMH6515 and AD14155 IF-sampled application
SignalPathDesigner.indd 9
SignalPathDesigner.indd 9
9/5/07 3:24:36 PM
9/5/07 3:24:36 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com