Electronic Components Datasheet Search
  English  ▼

X  

PE9803 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9803
Description  WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9803 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9803 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9803 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
Configuration
Waveguide Interface
WR-62
RF Connector
SMA Female
RF Connector Impedance
50 Ohms
Electrical Specifications
Frequency Range, GHz
12.4 to 18
Mechanical Specifications
Size
Length, in [mm]
1.36 [34.54]
Width/Dia., in [mm]
1.31 [33.27]
Height, in [mm]
1.31 [33.27]
.
Waveguide Interface
Type
WR-62
RF Connector
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz PE9803
URL:
http://www.pasternack.com/wr-62-sma-female-waveguide-coax-adapter-12.4-ghz-18-ghz-pe9803-p.aspx
PE9803
PE9803 REV
WR-62 to SMA Female Waveguide to Coax
Adapter 12.4 GHz to 18 GHz


Similar Part No. - PE9803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9802 PASTERNACK-PE9802 Datasheet
100Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE :7.0~11.0 GHz
PE9804 PASTERNACK-PE9804 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
PE9805 PASTERNACK-PE9805 Datasheet
236Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,0~11,0 GHz
More results

Similar Description - PE9803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9884 PASTERNACK-PE9884 Datasheet
207Kb / 2P
WR-112 to SMA Female Waveguide to Coax Adapter 7.05 GHz to 10 GHz
PE9875 PASTERNACK-PE9875 Datasheet
372Kb / 4P
WR-62 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
PEWCA1003 PASTERNACK-PEWCA1003 Datasheet
368Kb / 3P
WR-62 UG-1665/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 12.4 GHz to 18 GHz, Ku Band
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com