Electronic Components Datasheet Search
  English  ▼

X  

TPS51313 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51313
Description  5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51313 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51313 Datasheet HTML 1Page - Texas Instruments TPS51313 Datasheet HTML 2Page - Texas Instruments TPS51313 Datasheet HTML 3Page - Texas Instruments TPS51313 Datasheet HTML 4Page - Texas Instruments TPS51313 Datasheet HTML 5Page - Texas Instruments TPS51313 Datasheet HTML 6Page - Texas Instruments TPS51313 Datasheet HTML 7Page - Texas Instruments TPS51313 Datasheet HTML 8Page - Texas Instruments TPS51313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS51313
SLUSB31 – SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
OUTPUT
MINIMUM
ORDERABLE
TA
PACKAGE
PINS
ECO PLAN
DEVICE NUMBER
SUPPLY
QUANTITY
TPS51313DRCR
Tape and reel
3000
Green (RoHS and
–10°C to 85°C
Plastic SON (DRC)
10
no Pb/Br)
TPS51313DRCT
Mini reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
MIN
MAX
VIN, VCC
–0.3
6.0
SW
–2.0
6.0
Input voltage range(2)
SW (transient 20nsec)
-3.0
8.5
V
EN
–0.3
6.0
FB
–1
3.6
Output voltage range(2)
PGOOD
–0.3
6.0
V
Junction temperature, TJ
125
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
THERMAL INFORMATION
TPS51313
THERMAL METRIC(1)
UNITS
DRC (10-PIN)
θJA
Junction-to-ambient thermal resistance
42.4
θJCtop
Junction-to-case (top) thermal resistance
53.9
θJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
1.1
ψJB
Junction-to-board characterization parameter
18.3
θJCbot
Junction-to-case (bottom) thermal resistance
6.3
spacer - so note to thermal table has space between the note and ROC table title
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN, VCC
–0.1
5.5
SW
–0.1
5.5
Input voltage range
V
EN
–0.1
5.5
FB
–0.1
3.5
Output voltage range
PGOOD
–0.1
5.5
V
Operating free-air temperature, TA
–10
85
°C
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS51313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com