Electronic Components Datasheet Search
  English  ▼

X  

PE9808 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9808
Description  WAVEGUIDE TO N MALE FREQUENCY RANGE:7,0~11,0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9808 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9808 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9808

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9802 PASTERNACK-PE9802 Datasheet
100Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE :7.0~11.0 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9804 PASTERNACK-PE9804 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:8:20~12:40 GHz
More results

Similar Description - PE9808

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9805 PASTERNACK-PE9805 Datasheet
236Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,0~11,0 GHz
PE9806 PASTERNACK-PE9806 Datasheet
241Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE: 12,4~18,0 GHz
PE9807 PASTERNACK-PE9807 Datasheet
77Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE:8,20 TO12,40 GHz
PE9809 PASTERNACK-PE9809 Datasheet
101Kb / 1P
WAVEGUIDE TO SMA MALE FREQUENCY RANGE:12,4~18,0 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9818 PASTERNACK-PE9818 Datasheet
102Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 5.85~8.20 GHz
PE9820 PASTERNACK-PE9820 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:7,05~10,0 GHz
PE9823 PASTERNACK-PE9823 Datasheet
78Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 3,30~4,90 GHz
PE9824 PASTERNACK-PE9824 Datasheet
77Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 2,60~3,95 GHz
PE9868 PASTERNACK-PE9868 Datasheet
74Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE:8,20 TO 12,40 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com