Electronic Components Datasheet Search
  English  ▼

X  

TPS53015DGS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53015DGS
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53015DGS Datasheet(HTML) 3 Page - Texas Instruments

  TPS53015DGS Datasheet HTML 1Page - Texas Instruments TPS53015DGS Datasheet HTML 2Page - Texas Instruments TPS53015DGS Datasheet HTML 3Page - Texas Instruments TPS53015DGS Datasheet HTML 4Page - Texas Instruments TPS53015DGS Datasheet HTML 5Page - Texas Instruments TPS53015DGS Datasheet HTML 6Page - Texas Instruments TPS53015DGS Datasheet HTML 7Page - Texas Instruments TPS53015DGS Datasheet HTML 8Page - Texas Instruments TPS53015DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS53015
www.ti.com
SLVSBF0B – JULY 2012 – REVISED AUGUST 2012
THERMAL INFORMATION
TPS53015
THERMAL METRIC(1)
UNITS
DGS (10 PINS)
θJA
Junction-to-ambient thermal resistance
172.2
θJCtop
Junction-to-case (top) thermal resistance
44.0
θJB
Junction-to-board thermal resistance
93.0
°C/W
ψJT
Junction-to-top characterization parameter
1.6
ψJB
Junction-to-board characterization parameter
91.4
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply input voltage range
VIN
4.5
28
V
VBST
–0.1
33.5
VBST - SW
–0.1
5.5
Input voltage range
VFB
–0.1
5.5
V
EN
–0.1
28
SW
–1.0
28
DRVH
–1.0
33.5
DRVH - SW
–0.1
5.5
Output Voltage range
V
DRVL, VREG5, PG
–0.1
5.5
PGND
–0.1
0.1
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5V, VVFB = 0.8V,
660
IIN
VIN Supply current
μA
VSW = 0 V
IVINSDN
VIN Shutdown current
VIN current, TA = 25°C, No Load , VEN = 0V,
6.0
μA
VREG5 = OFF
VFB VOLTAGE and DISCHARGE RESISTANCE
VVFBTHL
VFB Threshold voltage
TA = 25°C , VOUT = 1.05 V
765.3
773.0
780.7
mV
TCVFB
VFB Temperature coefficient
Relative to TA = 25°C
(1)
-140
140
ppm/°C
IVFB
VFB Input current
VFB = 0.8V, TA = 25°C
-150
-10
100
nA
VREG5 OUTPUT
VVREG5
VREG5 Output voltage
TA=25°C, 6 V < VIN < 28 V, IVREG5 = 5 mA
5.1
V
IVREG5
Output current
VIN = 5.5V, VVREG5 = 4.0V, TA = 25°C
120
mA
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
Source, IDRVH = –50mA, TA = 25°C
3.2
4.7
RDRVH
DRVH resistance
Ω
Sink, IDRVH = 50mA, TA = 25°C
1.4
2.4
Source, IDRVL = –50mA, TA = 25°C
6.9
8.2
RDRVL
DRVL resistance
Ω
Sink, IDRVL = 50mA, TA = 25°C
0.8
1.7
DRVH-low to DRVL-on(1)
15
TD
Dead time
ns
DRVL-low to DRVH-on(1)
20
(1)
Ensured by design. Not production tested.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS53015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com