Electronic Components Datasheet Search
  English  ▼

X  

PE9810 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9810
Description  WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9810 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9810 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9810 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
Configuration
Waveguide Interface
WR-90
RF Connector
SMA Male
RF Connector Impedance
50 Ohms
Electrical Specifications
Frequency Range, GHz
8.2 to 12.4
Maximum VSWR
1.2:1
Mechanical Specifications
Size
Length, in [mm]
1.7 [43.18]
Width/Dia., in [mm]
1.63 [41.4]
Height, in [mm]
1.63 [41.4]
.
Waveguide Interface
Type
WR-90
Body Material and Plating
Aluminum
RF Connector
Type
SMA Male
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz PE9810
URL: http://www.pasternack.com/wr-90-sma-male-waveguide-coax-adapter-8.2-ghz-12.4-ghz-pe9810-p.aspx
PE9810
PE9810 REV
WR-90 to SMA Male Waveguide to Coax
Adapter 8.2 GHz to 12.4 GHz


Similar Part No. - PE9810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
More results

Similar Description - PE9810

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9800 PASTERNACK-PE9800 Datasheet
263Kb / 2P
WR-62 to N Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9803 PASTERNACK-PE9803 Datasheet
269Kb / 2P
WR-62 to SMA Female Waveguide to Coax Adapter 12.4 GHz to 18 GHz
PE9830 PASTERNACK-PE9830 Datasheet
255Kb / 2P
WR-137 to SMA Female Waveguide to Coax Adapter 5.85 GHz to 8.2 GHz
PE9801 PASTERNACK-PE9801 Datasheet
260Kb / 2P
WR-90 to N Female Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9883 PASTERNACK-PE9883 Datasheet
368Kb / 3P
WR-90 UDR100 Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz
PE9889 PASTERNACK-PE9889 Datasheet
384Kb / 4P
WR-90 Square Type Flange to N Male Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWCA1006 PASTERNACK-PEWCA1006 Datasheet
369Kb / 3P
WR-90 UG-39/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWCA1007 PASTERNACK-PEWCA1007 Datasheet
402Kb / 3P
WR-90 CPR-90G Grooved Flange to SMA Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PEWAD5015 PASTERNACK-PEWAD5015 Datasheet
442Kb / 4P
WR-90 Waveguide Bulkhead Adapter CPR-90G Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com