Electronic Components Datasheet Search
  English  ▼

X  

PE9811 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9811
Description  waveguide to sma male frequency range: 7,0~11,0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9811 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9811 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9811

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
More results

Similar Description - PE9811

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9805 PASTERNACK-PE9805 Datasheet
236Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,0~11,0 GHz
PE9806 PASTERNACK-PE9806 Datasheet
241Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE: 12,4~18,0 GHz
PE9807 PASTERNACK-PE9807 Datasheet
77Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE:8,20 TO12,40 GHz
PE9808 PASTERNACK-PE9808 Datasheet
75Kb / 1P
WAVEGUIDE TO N MALE FREQUENCY RANGE:7,0~11,0 GHz
PE9809 PASTERNACK-PE9809 Datasheet
101Kb / 1P
WAVEGUIDE TO SMA MALE FREQUENCY RANGE:12,4~18,0 GHz
PE9829 PASTERNACK-PE9829 Datasheet
75Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 7,05~10,00 GHz
PE9831 PASTERNACK-PE9831 Datasheet
118Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE: 4,90~7,05 GHz
PE9832 PASTERNACK-PE9832 Datasheet
79Kb / 1P
waveguide to sma female frequency range: 3,95~5,85 GHz
PE9833 PASTERNACK-PE9833 Datasheet
79Kb / 1P
WAVEGUIDE TO SMA FEMALE FREQUENCY RANGE:3,30~4,90 GHz
PE9834 PASTERNACK-PE9834 Datasheet
80Kb / 1P
waveguide to sma female frequency range 2,60~3,95 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com