Electronic Components Datasheet Search
  English  ▼

X  

UCC27532DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27532DBVT
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27532DBVT Datasheet(HTML) 2 Page - Texas Instruments

  UCC27532DBVT Datasheet HTML 1Page - Texas Instruments UCC27532DBVT Datasheet HTML 2Page - Texas Instruments UCC27532DBVT Datasheet HTML 3Page - Texas Instruments UCC27532DBVT Datasheet HTML 4Page - Texas Instruments UCC27532DBVT Datasheet HTML 5Page - Texas Instruments UCC27532DBVT Datasheet HTML 6Page - Texas Instruments UCC27532DBVT Datasheet HTML 7Page - Texas Instruments UCC27532DBVT Datasheet HTML 8Page - Texas Instruments UCC27532DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
UCC27532
SLUSBD9 – FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
OPERATING
PEAK CURRENT
INPUT THRESHOLD
PART NUMBER
PACKAGE(2)
TEMPERATURE RANGE
(SOURCE AND SINK)
LOGIC
TA
CMOS-(dependent on
UCC27532DBV
SOT-23, 6-PIN
2.5 A and 5 A
-40°C to +140°C
VDD bias voltage)
(1)
DBV package uses Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to
be compatible with either lead free or Sn/Pb soldering operations.
(2)
For the most up-to-date packaging information see the TI web site.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range,
VDD
-0.3
35
Continuous
OUTH, OUTL
-0.3
VDD +0.3
V
Pulse
OUTH, OUTL (200 ns)
-2
VDD +0.3
Continuous IN, EN
-5
27
Pulse IN, EN (1.5 µs)
-6.5
27
V
Human body model, HBM (ESD)(5)
4000
Charged device model, CDM (ESD)
1000
Operating virtual junction temperature range, TJ
-40
150
Storage temperature range, Tstg
-65
150
°C
Soldering, 10 sec.
300
Lead temperature
Reflow
260
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
(3)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: UCC27532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com